Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX86M Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74VCX86M
Szczegółowy opis  Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX86M Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74VCX86M Datasheet HTML 1Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 2Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 3Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 4Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 5Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 6Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 7Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 8Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500163
www.fairchildsemi.com
July 1999
Revised February 2005
74VCX86
Low Voltage Quad 2-Input Exclusive-OR Gate with
3.6V Tolerant Inputs and Outputs
General Description
The VCX86 contains four 2-input exclusive OR gates. This
product is designed for low voltage (1.2V to 3.6V) VCC
applications with I/O compatibility up to 3.6V
The 74VCX86 is fabricated with an advanced CMOS tech-
nology to achieve high-speed operation while maintaining
low CMOS power dissipation.
Features
s 1.2V to 3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s tPD
3.0 ns max for 3.0V to 3.6V VCC
s Power-off high impedance inputs and outputs
s Static Drive (IOH/IOL)
r24 mA @ 3.0V VCC
s Uses patented noise/EMI reduction circuitry
s Latchup performance exceeds JEDEC 78 conditions
s ESD performance:
Human body model
! 2000V
Machine model
! 250V
s Leadless Pb-Free DQFN package
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: DQFN package available in Tape and Reel only.
Order Number Package Number
Package Description
74VCX86M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VCX86BQX
(Note 1)
MLP014A
Pb-Free 14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC
MO-241, 2.5 x 3.0mm
74VCX86MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide


Podobny numer części - 74VCX86M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74VCX86 ONSEMI-74VCX86 Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
More results

Podobny opis - 74VCX86M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ALVC86 FAIRCHILD-74ALVC86 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC86 FAIRCHILD-74ALVC86_05 Datasheet
93Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX32FT TOSHIBA-TC74VCX32FT Datasheet
282Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT OR GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX32M FAIRCHILD-74VCX32M Datasheet
512Kb / 10P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32_05 Datasheet
92Kb / 5P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74VCX32 FAIRCHILD-74VCX32 Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC08 FAIRCHILD-74ALVC08 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT Datasheet
274Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX08 FAIRCHILD-74VCX08 Datasheet
63Kb / 10P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com