Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCXH16244MTD Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74VCXH16244MTD
Szczegółowy opis  Low Voltage 16-Bit Buffer/Line Driver with Bushold
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH16244MTD Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74VCXH16244MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH16244MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH16244MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH16244MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH16244MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH16244MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH16244MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH16244MTD Datasheet HTML 8Page - Fairchild Semiconductor 74VCXH16244MTD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500230
www.fairchildsemi.com
November 1999
Revised June 2005
74VCXH16244
Low Voltage 16-Bit Buffer/Line Driver with Bushold
General Description
The VCXH16244 contains sixteen non-inverting buffers
with 3-STATE outputs to be employed as a memory and
address driver, clock driver, or bus oriented transmitter/
receiver. The device is nibble (4-bit) controlled. Each nibble
has separate 3-STATE control inputs which can be shorted
together for full 16-bit operation.
The VCXH16244 data inputs include active bushold cir-
cuitry, eliminating the need for external pull-up resistors to
hold unused or floating data inputs at a valid logic level.
The 74VCXH16244 is designed for low voltage (1.2V to
3.6V) VCC applications with output capability up to 3.6V.
The 74VCXH16244 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing low CMOS power dissipation.
Features
s 1.2V to 3.6V VCC supply operation
s 3.6V tolerant control inputs and outputs
s Bushold on data inputs eliminating the need for external
pull-up/pull-down resistors
s tPD
2.5 ns max for 3.0V to 3.6V VCC
s Static Drive (IOH/IOL)
r24 mA @ 3.0V VCC
s Uses patented noise/EMI reduction circuitry
s Latch-up performance exceeds 300 mA
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA) (Preliminary)
Ordering Code:
Note 1: Ordering Code “G” indicates Tray.
Note 2: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Order Number
Package Number
Package Description
74VCXH16244G
(Note 1)(Note 2)
BGA54A
(Preliminary)
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
74VCXH16244MTD
(Note 2)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Podobny numer części - 74VCXH16244MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
logo
STMicroelectronics
74VCXH16244 STMICROELECTRONICS-74VCXH16244 Datasheet
231Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74VCXH16244DT ONSEMI-74VCXH16244DT Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244DTR ONSEMI-74VCXH16244DTR Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
logo
STMicroelectronics
74VCXH16244TTR STMICROELECTRONICS-74VCXH16244TTR Datasheet
231Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Podobny opis - 74VCXH16244MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCXH16244 FAIRCHILD-74LCXH16244_05 Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74LCXH16244 FAIRCHILD-74LCXH16244 Datasheet
93Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16240 FAIRCHILD-74ALVCH16240 Datasheet
85Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
74VCXH16240 FAIRCHILD-74VCXH16240 Datasheet
76Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
logo
Toshiba Semiconductor
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT_07 Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
logo
Fairchild Semiconductor
74ALVCH162244 FAIRCHILD-74ALVCH162244 Datasheet
81Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com