Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD22100KR-REEL7 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD22100KR-REEL7
Szczegółowy opis  Voltage Output Temperature Sensor with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD22100KR-REEL7 Arkusz danych(HTML) 1 Page - Analog Devices

  AD22100KR-REEL7 Datasheet HTML 1Page - Analog Devices AD22100KR-REEL7 Datasheet HTML 2Page - Analog Devices AD22100KR-REEL7 Datasheet HTML 3Page - Analog Devices AD22100KR-REEL7 Datasheet HTML 4Page - Analog Devices AD22100KR-REEL7 Datasheet HTML 5Page - Analog Devices AD22100KR-REEL7 Datasheet HTML 6Page - Analog Devices AD22100KR-REEL7 Datasheet HTML 7Page - Analog Devices AD22100KR-REEL7 Datasheet HTML 8Page - Analog Devices AD22100KR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Voltage Output Temperature Sensor
with Signal Conditioning
AD22100
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
200°C temperature span
Accuracy better than ±2% of full scale
Linearity better than ±1% of full scale
Temperature coefficient of 22.5 mV/°C
Output proportional to temperature × V+
Single-supply operation
Reverse voltage protection
Minimal self-heating
High level, low impedance output
APPLICATIONS
HVAC systems
System temperature compensation
Board level temperature sensing
Electronic thermostats
MARKETS
Industrial process control
Instrumentation
Automotive
GENERAL DESCRIPTION
The AD22100 is a monolithic temperature sensor with on-chip
signal conditioning. It can be operated over the temperature
range −50°C to +150°C, making it ideal for use in numerous
HVAC, instrumentation, and automotive applications.
The signal conditioning eliminates the need for any trimming,
buffering, or linearization circuitry, greatly simplifying the
system design and reducing the overall system cost.
The output voltage is proportional to the temperature x the
supply voltage (ratiometric). The output swings from 0.25 V at
−50°C to +4.75 V at +150°C using a single +5.0 V supply.
Due to its ratiometric nature, the AD22100 offers a cost-
effective solution when interfacing to an analog-to-digital
converter. This is accomplished by using the ADC’s +5 V
power supply as a reference to both the ADC and the AD22100
eliminating the need for and cost of a precision reference (see
Figure 2).
FUNCTIONAL BLOCK DIAGRAM
V+
VOUT
RT
Figure 1.
AD22100
+5V
REFERENCE
ANALOG-TO-
DIGITAL
CONVERTER
INPUT
1k
VO
SIGNAL OUTPUT
DIRECT TO ADC
0.1
F
–50
C TO +150C
Figure 2. Application Circuit


Podobny numer części - AD22100KR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD22100KR-REEL7 AD-AD22100KR-REEL7 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100KR-REEL7 AD-AD22100KR-REEL7 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100KR-REEL7 AD-AD22100KR-REEL7 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100KR-REEL7 AD-AD22100KR-REEL7 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
More results

Podobny opis - AD22100KR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100KTZ AD-AD22100KTZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22103 AD-AD22103_15 Datasheet
431Kb / 6P
   3.3V Supply Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103KTZ AD-AD22103KTZ Datasheet
431Kb / 6P
   33 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103 AD-AD22103 Datasheet
224Kb / 6P
   3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com