Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE721B Arkusz danych(PDF) 3 Page - ACE Technology Co., LTD.

Numer części ACE721B
Szczegółowy opis  1.3A 1.4MHz Synchronous Step-Down Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721B Arkusz danych(HTML) 3 Page - ACE Technology Co., LTD.

  ACE721B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721B Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE721B
1.3A 1.4MHz Synchronous Step-Down Converter
VER 1.2
3
Ordering information
ACE721B XX XX + H
Functional Block Diagram
Halogen - free
MN : DFN2*2-6L
ADJ: Adjustable Voltage/1.2V/1.5V/1.8V
Pb - free


Podobny numer części - ACE721B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
   1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
   18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
   High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7212YGMH ACE-ACE7212YGMH Datasheet
222Kb / 4P
   High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7213F ACE-ACE7213F Datasheet
450Kb / 10P
   18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
More results

Podobny opis - ACE721B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHOUDING Shouding Semic...
SD6411 SHOUDING-SD6411 Datasheet
364Kb / 7P
   1.5MHz, 1.3A Synchronous Step-Down Converter
SD6410 SHOUDING-SD6410 Datasheet
1,016Kb / 7P
   1.4MHz, 1.5A Synchronous Step-Down Converter
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
   1.4MHz Step-Down Converter
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
   1.4MHz Step-Down Converter
logo
List of Unclassifed Man...
MT2482 ETC1-MT2482 Datasheet
711Kb / 11P
   1.4MHz, 18V竊?A Synchronous Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
logo
List of Unclassifed Man...
MT3410L ETC-MT3410L Datasheet
342Kb / 8P
   1.3A,2.3V-6V Input,1.5MHz Synchronous Step-Down Converter
Rev1.0
logo
Advanced Analogic Techn...
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Global Mixed-mode Techn...
G5695 GMT-G5695 Datasheet
79Kb / 1P
   1.4MHz 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com