Zakładka z wyszukiwarką danych komponentów |
|
74VHCT573A Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
74VHCT573A Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page www.fairchildsemi.com 2 Pin Descriptions Truth Table H HIGH Voltage Level L LOW Voltage Level X Immaterial Z High Impedance Functional Description The VHCT573A contains eight D-type latches with 3- STATE output buffers. When the Latch Enable (LE) input is HIGH, data on the Dn inputs enters the latches. In this con- dition the latches are transparent, i.e., a latch output will change state each time its D input changes. When LE is LOW the latches store the information that was present on the D inputs, a setup time preceding the HIGH-to-LOW transition of LE. The 3-STATE buffers are controlled by the Output Enable (OE) input. When OE is LOW, the buffers are enabled. When OE is HIGH the buffers are in the high impedance mode, but, this does not interfere with entering new data into the latches. Logic Diagram Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. Pin Names Description D0–D7 Data Inputs LE Latch Enable Input OE 3-STATE Output Enable Input O0–O7 3-STATE Outputs Inputs Outputs OE LE D On L HHH LH L L LL X O0 HX X Z |
Podobny numer części - 74VHCT573A |
|
Podobny opis - 74VHCT573A |