Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1-1123722-3 Arkusz danych(PDF) 1 Page - Tyco Electronics

Numer części 1-1123722-3
Szczegółowy opis  AMP Economy Power (EP) Wire-to-Board Connector System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1123722-3 Arkusz danych(HTML) 1 Page - Tyco Electronics

  1-1123722-3 Datasheet HTML 1Page - Tyco Electronics 1-1123722-3 Datasheet HTML 2Page - Tyco Electronics 1-1123722-3 Datasheet HTML 3Page - Tyco Electronics 1-1123722-3 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AMP Economy Power (EP)
Wire-to-Board Connector System
1
Catalog 1654727
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 8-03
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Product Facts
s
.156 [3.96] and .312 [7.92]
centerline
s
Wire-to-board connectors
comprised of plug housings,
receptacle contacts for
discrete wire, and mating
post headers
s
Hooded contact designed to
accept wire with insulation
diameters up to .118 [3.00]
s
Positive locking feature built
into header back wall
s
Locking mechanism on
connector housing
maximizes retention
s
Number of positions: 1 to 11
for .156 [3.96] centerline; 2
to 5 for .312 [7.92]
centerline
s
Vertical, through-hole
headers
s
Positive latch design for
easier mating and unmating
s
Polarization tabs help
prevent post misalignment
and mismating
s
Low-profile mating height of
.641 [16.3] for 2 to 11
positions
s
Vertical headers are end-to-
end stackable to conserve
PCB space
s
Header packaging: bulk pack
and tube loaded
s
Plug housings and post
headers intermateable with
JST VH connectors
s
Recognized under the
Component Program
of Underwriters
Laboratories Inc.,
File No. E28476
s
Certified by the Canadian
Standards
Association,
File No. LR7189
AMP Economy Power (EP)
Connectors are designed
for secondary power circuit
applications. They consist
of wire-to-pc board plug
housings (for receptacle
contacts) and mating post
headers. Two contact
centerline spacings are
available: .156 [3.96] and
.312 [7.92].
During mating, the positive
locking lever on the outside
of the plug housing
engages the mating header
housing to provide for
greater retention. This
helps maintain reliable
connections, when other
non-locking type connec-
tors could vibrate apart.
This same locking lever
must be depressed to
unmate the connectors.
The locking mechanism is
also located high enough to
help avoid interference with
pc board clear plastic
coating (potting), which is a
common treatment for many
home appliances.
Headers with .156 [3.96]
centerline are offered in 2
through 11 positions; .312
[7.92] centerline are avail-
able in 2 through 5 posi-
tions. Both versions are
provided in bulk pack or in
tubes for automatic
machines.
The slim, vertical, post
headers are stackable end-
to-end for greater flexibility
when designing pc board
configurations.
The mating height of a
low-profile plug and vertical
header is .642 [16.3]; even
the 1-position high-profile
style measures only .732
[18.6] above the pc board.
Compact dimensions like
these are well suited for
most applications in con-
fined spaces.
Technical Documents
Product Specification
108-5609
Application Specification
114-5253
© 2003 by Tyco Electronics
Corporation. All Rights Reserved.
AMP, AMP-O-LECTRIC and TYCO
are trademarks.
Other products, logos, and company
names mentioned herein may be
trademarks of their respective owners.
Performance Characteristics
Voltage Rating – 250 VAC
Current Rating – 7.5 amp max. (2 to
11 pos.), 8 amp max. (1 pos.)
Low Level Overall Resistance–
Initial — 10 m
Ω max.
Final — 20 m
Ω max.
Dielectric Withstanding Voltage –
1.5 kV AC, 1 min.
Insulation Resistance –
Initial — 1000 M
Ω min.
Final — 500 M
Ω min.
Durability – 50 mating and unmating
cycles
Operating Temperature – -13˚F to
+221˚F [-25°C to +105°C]
Wire Size Range – 18-22 AWG [0.89-
0.30 mm2]
Insulation Diameter – .118 [3.00]
max.
Applications
s
Household appliances,
garage door openers,
power supplies, power
connections, or other
areas requiring additional
connector retention


Podobny numer części - 1-1123722-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
1-1123723-0 MACOM-1-1123723-0 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
1-1123723-1 MACOM-1-1123723-1 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
1-1123723-2 MACOM-1-1123723-2 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
1-1123723-3 MACOM-1-1123723-3 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
1-1123723-4 MACOM-1-1123723-4 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
More results

Podobny opis - 1-1123722-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
1877285-2 MACOM-1877285-2 Datasheet
244Kb / 4P
   AMP Economy Power (EP) Shrouded Post Headers
1-1877285-1 MACOM-1-1877285-1 Datasheet
241Kb / 4P
   AMP Economy Power (EP) Shrouded Post Headers
1-1318301-2 MACOM-1-1318301-2 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
1-647676-2 MACOM-1-647676-2 Datasheet
426Kb / 4P
   Economy Power Connector System
3-644456-7 MACOM-3-644456-7 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644861-4 MACOM-2-644861-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
1375820-5 MACOM-1375820-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644488-5 MACOM-2-644488-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-640454-0 MACOM-2-640454-0 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
1-1123824-1 MACOM-1-1123824-1 Datasheet
93Kb / 1P
   ECONOMY POWER(EP)CONN.1 POS HEADER ASSY
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com