Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC308 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części BC308
Szczegółowy opis  PNP EPITAXIAL SILICON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC308 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  BC308 Datasheet HTML 1Page - Fairchild Semiconductor BC308 Datasheet HTML 2Page - Fairchild Semiconductor BC308 Datasheet HTML 3Page - Fairchild Semiconductor BC308 Datasheet HTML 4Page - Fairchild Semiconductor BC308 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
: BC307
: BC308/309
-50
-30
V
V
VCEO
Collector-Emitter Voltage
: BC307
: BC308/309
-45
-25
V
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current (DC)
-100
mA
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
BC307/308/309
Switching and Amplifier Applications
• Low Noise: BC309
1. Collector 2. Base 3. Emitter
TO-92
1


Podobny numer części - BC308

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
BC308 KEC-BC308 Datasheet
144Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)
logo
Micro Electronics
BC308 MICRO-ELECTRONICS-BC308 Datasheet
225Kb / 4P
   PNP SILICON PLANAR EPITAXIAL TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC308 SEMTECH_ELEC-BC308 Datasheet
145Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
BC308 KEC-BC308 Datasheet
30Kb / 1P
   TO-92 PACKAGE
logo
Continental Device Indi...
BC308 CDIL-BC308 Datasheet
151Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Podobny opis - BC308

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com