Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Qxx12LH2 Arkusz danych(PDF) 2 Page - Littelfuse

Numer części Qxx12LH2
Szczegółowy opis  RoHS Compliant, Solid-state switching eliminates arcing or contact bounce that create voltage transients
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Qxx12LH2 Arkusz danych(HTML) 2 Page - Littelfuse

  Qxx12LH2 Datasheet HTML 1Page - Littelfuse Qxx12LH2 Datasheet HTML 2Page - Littelfuse Qxx12LH2 Datasheet HTML 3Page - Littelfuse Qxx12LH2 Datasheet HTML 4Page - Littelfuse Qxx12LH2 Datasheet HTML 5Page - Littelfuse Qxx12LH2 Datasheet HTML 6Page - Littelfuse Qxx12LH2 Datasheet HTML 7Page - Littelfuse Qxx12LH2 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
100
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
12 Amp Alternistor (High Communitation) Triacs
Qxx12xHx Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Alternistor Triac (3 Quadrants)
Symbol
Test Conditions
Quadrant
Qxx12xH2
Qxx12xH5
Unit
I
GT
V
D = 12V RL = 60 Ω
I – II – III
MAX.
10
50
mA
V
GT
I – II – III
MAX.
1.3
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
I – II – III
MIN.
0.2
0.2
V
I
H
I
T = 100mA
MAX.
15
50
mA
dv/dt
V
D = VDRM Gate Open TJ = 125°C
400V
MIN.
300
750
V/μs
600V
200
650
800V
150
500
V
D = VDRM Gate Open TJ = 100°C
1000V
150
300
(dv/dt)c
(di/dt)c = 6.5 A/ms T
J = 125°C
MIN.
2
30
V/μs
t
gt
I
G = 2 x IGT
PW = 15μs I
T = 17.0 A(pk)
TYP.
4
4
μs
Absolute Maximum Ratings — Alternistor (3 Quadrants)
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current (full sine wave)
Qxx12LHy
T
C = 90°C
12
A
Qxx12RHy
Qxx12NHy
T
C = 105°C
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
110
A
f = 60 Hz
t = 16.7 ms
120
I2t
I2t Value for fusing
t
p = 8.3 ms
60
A2s
di/dt
Critical rate of rise of on-state current
f = 120 Hz
T
J = 125°C
70
A/μs
I
GTM
Peak gate trigger current
t
p ≤ 10 μs;
I
GT ≤ IGTM
T
J = 125°C
2.0
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.5
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Note: xx = voltage, y = sensitivity
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
TM = 17.0A tp = 380 µs
MAX.
1.60
V
I
DRM
I
RRM
V
D = VDRM / VRRM
T
J = 25°C
400-1000V
MAX.
10
μA
T
J = 125°C
400-800V
2
mA
T
J = 100°C
1000V
3
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
Qxx12RHy
Qxx12NHy
1.2
°C/W
Qxx12LHy
2.3
R
θ(J-A)
Junction to ambient (AC)
Qxx12RHy
45
°C/W
Qxx12LHy
90
Note: xx = voltage, y = sensitivity


Podobny numer części - Qxx12LH2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
More results

Podobny opis - Qxx12LH2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
American Electronic Com...
BB2-2001 AEC-BB2-2001 Datasheet
281Kb / 2P
   contact bounce release
logo
Shenzhen Bencent Electr...
BS0060N-2C BENCENT-BS0060N-2C Datasheet
297Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060N-C-F BENCENT-BS0060N-C-F Datasheet
333Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS4200N-C-F BENCENT-BS4200N-C-F Datasheet
446Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0640N-2C BENCENT-BS0640N-2C Datasheet
293Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060U-2G BENCENT-BS0060U-2G Datasheet
241Kb / 4P
   Eliminates overvoltage caused by fast rising transients
BS1100N-2A1 BENCENT-BS1100N-2A1 Datasheet
411Kb / 4P
   Eliminates overvoltage caused by fast rising transients
BS4200Q-C BENCENT-BS4200Q-C Datasheet
313Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS4200Q-D BENCENT-BS4200Q-D Datasheet
301Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS8000N-C-F BENCENT-BS8000N-C-F Datasheet
344Kb / 5P
   Eliminates overvoltage caused by fast rising transients
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com