Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4001 Arkusz danych(PDF) 2 Page - Leshan Radio Company

Numer części 1N4001
Szczegółowy opis  General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4001 Arkusz danych(HTML) 2 Page - Leshan Radio Company

  1N4001 Datasheet HTML 1Page - Leshan Radio Company 1N4001 Datasheet HTML 2Page - Leshan Radio Company 1N4001 Datasheet HTML 3Page - Leshan Radio Company 1N4001 Datasheet HTML 4Page - Leshan Radio Company 1N4001 Datasheet HTML 5Page - Leshan Radio Company 1N4001 Datasheet HTML 6Page - Leshan Radio Company 1N4001 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2. Characteristic Curves ( TA = 25°C unless otherwise noted )
1N4001 thru 1N4008
0
20
40
60
80
10
1.0
0.1
0.01
Percent of Rated Peak Reverse Voltage (%)
Tj=25℃
100
Tj=150℃
Tj=100℃
Fig 4. – Typical Reverse Characteristics
Fig 3. – Typical Instantaneous Forward
Characteristics
0.6
0.8
1.0
1.2
1.4
1.6
1.0
0.1
0.01
0.001
10
Instantaneous Forward Voltage (V)
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
Fig. 1 – Forward Current Derating Curve
0
25
50
75
100 125
150 175
1.0
0.5
0
60 Hz
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
Ambient Temperature, °C
Fig 5. –typical transient thermal
impedance
10
1.0
0.1
100
0.01
0.1
1.0
10
t,Pulse duration,sec
Fig 6. – Typical Junction Capacitance
0.1
1
10
100
100
10
1.0
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Reverse Voltage (V)
Number of Cycles at 60Hz
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
1
10
100
50
40
30
20
10
0
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
Fig 4. – Typical Reverse Characteristics


Podobny numer części - 1N4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4001 EIC-1N4001 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
Shenzhen Yixinwei Techn...
1N4001 YIXIN-1N4001 Datasheet
248Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results

Podobny opis - 1N4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
1N4008S LRC-1N4008S Datasheet
184Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N4008G LRC-1N4008G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N5400 LRC-1N5400_12 Datasheet
205Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 3.0A
1A7 LRC-1A7_12 Datasheet
189Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RL201 LRC-RL201_11 Datasheet
162Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RL151 LRC-RL151_11 Datasheet
304Kb / 11P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RL251 LRC-RL251_11 Datasheet
458Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
RL251G LRC-RL251G Datasheet
176Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
logo
Rugao Dachang Electroni...
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SF11 DACHANG-SF11 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com