Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD40106BC Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części CD40106BC
Szczegółowy opis  Hex Schmitt Trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD40106BC Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  CD40106BC Datasheet HTML 1Page - Fairchild Semiconductor CD40106BC Datasheet HTML 2Page - Fairchild Semiconductor CD40106BC Datasheet HTML 3Page - Fairchild Semiconductor CD40106BC Datasheet HTML 4Page - Fairchild Semiconductor CD40106BC Datasheet HTML 5Page - Fairchild Semiconductor CD40106BC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005985.prf
www.fairchildsemi.com
CD40106BC
Hex Schmitt Trigger
General Description
The CD40106BC Hex Schmitt Trigger is a monolithic com-
plementary MOS (CMOS) integrated circuit constructed
with N and P-channel enhancement transistors. The posi-
tive and negative-going threshold voltages, VT+ and VT−,
show low variation with respect to temperature (typ
0.0005V/
°C at V
DD = 10V), and hysteresis, VT
+ − VT− ≥ 0.2
VDD is guaranteed.
All inputs are protected from damage due to static dis-
charge by diode clamps to VDD and VSS.
Features
s Wide supply voltage range:
3V to 15V
s High noise immunity: 0.7 VDD (typ.)
s Low power TTL compatibility:
Fan out of 2 driving 74L or 1 driving 74LS
s Hysteresis: 0.4 VDD (typ.),
0.2 VDD guaranteed
s Equivalent to MM74C14
s Equivalent to MC14584B
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP and SOIC
Top View
Schematic Diagram
Order Number
Package Number
Package Description
CD40106BCM
M14A
14-Lead Small Outline integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow Body
CD40106BCN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Podobny numer części - CD40106BC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC Datasheet
71Kb / 6P
   Hex Schmitt Trigger
CD40106BC FAIRCHILD-CD40106BC Datasheet
72Kb / 6P
   Hex Schmitt Trigger
logo
National Semiconductor ...
CD40106BCJ NSC-CD40106BCJ Datasheet
134Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BCM FAIRCHILD-CD40106BCM Datasheet
71Kb / 6P
   Hex Schmitt Trigger
CD40106BCM FAIRCHILD-CD40106BCM Datasheet
72Kb / 6P
   Hex Schmitt Trigger
More results

Podobny opis - CD40106BC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B Datasheet
163Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
   Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
   Hex Schmitt Trigger
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
   Hex Schmitt trigger
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
   Hex Schmitt Trigger
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC_03 Datasheet
71Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B_06 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com