Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4014 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części CD4014
Szczegółowy opis  8-Stage Static Shift Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4014 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  CD4014 Datasheet HTML 1Page - Fairchild Semiconductor CD4014 Datasheet HTML 2Page - Fairchild Semiconductor CD4014 Datasheet HTML 3Page - Fairchild Semiconductor CD4014 Datasheet HTML 4Page - Fairchild Semiconductor CD4014 Datasheet HTML 5Page - Fairchild Semiconductor CD4014 Datasheet HTML 6Page - Fairchild Semiconductor CD4014 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 5)
TA = 25°C, input tr, tf = 20 ns, CL = 50 pF, RL = 200 kΩ
Note 5: AC Parameters are guaranteed by DC correlated testing.
Note 6: If more than one unit is cascaded trCL should be made less than or equal to the fixed propagation delay of the output of the driving stage for the esti-
mated capacitive load.
Note 7: Setup times are measured with reference to clock and a fixed hold time (tH) as specified.
Note 8: CPD determines the no load AC power consumption of any CMOS device. For complete explanation, see 74C family characteristics application note
AN-90.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL, tPLH
Propagation Delay Time
VDD = 5V
200
320
ns
VDD = 10V
80
160
ns
VDD = 15V
60
120
ns
tTHL, tTLH
Transition Time
VDD = 5V
100
200
ns
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
fCL
Maximum Clock
VDD = 5V
2.8
4
MHz
Input Frequency
VDD = 10V
6
12
MHz
VDD = 15V
8
16
MHz
tW
Minimum Clock
VDD = 5V
90
180
ns
Pulse Width
VDD = 10V
40
80
ns
VDD = 15V
25
50
ns
trCL, tfCL
Clock Rise and
VDD = 5V
15
µs
Fall Time (Note 6)
VDD = 10V
15
µs
VDD = 15V
15
µs
tS
Minimum Set-Up Time
VDD = 5V
60
120
ns
(Note 7) Serial Input
VDD = 10V
40
80
ns
tH ≥ 200 ns
VDD = 15V
30
60
ns
Parallel Inputs
VDD = 5V
80
160
ns
tH ≥ 200 ns
VDD = 10V
40
80
ns
VDD = 15V
30
60
ns
Parallel/Serial Control
VDD = 5V
100
200
ns
tH ≥ 200 ns
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
tH
Minimum Hold Time
VDD = 5V
0
ns
Serial In, Parallel In, tS ≥ 400 ns VDD = 10V
10
ns
Parallel/Serial Control
VDD = 15V
15
ns
CI
Average Input Capacitance
Any Input
5
7.5
pF
(Note 8)
CPD
Power Dissipation Capacitance
110
pF
(Note 8)


Podobny numer części - CD4014

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4014 TI-CD4014 Datasheet
436Kb / 10P
[Old version datasheet]   10-LINE TO 4-LINE BCD PRIORITY ENCODER
logo
Intersil Corporation
CD4014 INTERSIL-CD4014 Datasheet
81Kb / 8P
   10 Line to 4 Line BCD Priority Encoder
December 1992
logo
National Semiconductor ...
CD4014 NSC-CD4014 Datasheet
142Kb / 6P
   8-Stage Static Shift Register
logo
Texas Instruments
CD40147B TI-CD40147B Datasheet
436Kb / 10P
[Old version datasheet]   10-LINE TO 4-LINE BCD PRIORITY ENCODER
CD40147BE TI-CD40147BE Datasheet
436Kb / 10P
[Old version datasheet]   10-LINE TO 4-LINE BCD PRIORITY ENCODER
More results

Podobny opis - CD4014

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4014BM NSC-CD4014BM Datasheet
142Kb / 6P
   8-Stage Static Shift Register
logo
Fairchild Semiconductor
CD4021BC FAIRCHILD-CD4021BC_02 Datasheet
77Kb / 7P
   8-Stage Static Shift Register
CD4021BC FAIRCHILD-CD4021BC Datasheet
70Kb / 7P
   8-Stage Static Shift Register
logo
Texas Instruments
CD4021B-Q1 TI1-CD4021B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS 8-STAGE STATIC SHIFT REGISTER
logo
National Semiconductor ...
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
   64-Stage Static Shift Register
logo
STMicroelectronics
HCC4006B STMICROELECTRONICS-HCC4006B Datasheet
260Kb / 11P
   18-STAGE STATIC SHIFT REGISTER
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
   64-STAGE STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4006B PHILIPS-HEF4006B Datasheet
53Kb / 5P
   18-stage static shift register
January 1995
HEF4031B PHILIPS-HEF4031B Datasheet
76Kb / 7P
   64-stage static shift register
January 1995
logo
National Semiconductor ...
CD4006BC NSC-CD4006BC Datasheet
112Kb / 6P
   18-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com