Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4015 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części CD4015
Szczegółowy opis  Dual 4-Bit Static Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4015 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  CD4015 Datasheet HTML 1Page - Fairchild Semiconductor CD4015 Datasheet HTML 2Page - Fairchild Semiconductor CD4015 Datasheet HTML 3Page - Fairchild Semiconductor CD4015 Datasheet HTML 4Page - Fairchild Semiconductor CD4015 Datasheet HTML 5Page - Fairchild Semiconductor CD4015 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 5)
TA= 25°C, CL= 50 pF, RL= 200k, tr = tf = 20 ns, unless otherwise specified
Note 5: AC Parameters are guaranteed by DC correlated testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLOCK OPERATION
tPHL, tPLH
Propagation Delay Time
VDD = 5V
230
350
ns
VDD = 10V
80
160
ns
VDD = 15V
60
120
ns
tTHL, tTLH
Transition Time
VDD = 5V
100
200
ns
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
tWL, tWM
Minimum Clock
VDD = 5V
160
250
ns
Pulse-Width
VDD = 10V
60
110
ns
VDD = 15V
50
85
ns
trCL, tfCL
Clock Rise and
VDD = 5V
15
µs
Fall Time
VDD = 10V
15
µs
VDD = 15V
15
µs
tSU
Minimum Data
VDD = 5V
50
100
µs
Set-Up Time
VDD = 10V
20
40
µs
VDD = 15V
15
30
µs
fCL
Maximum Clock
VDD = 5V
2
3.5
MHz
Frequency
VDD = 10V
4.5
8
MHz
VDD = 15V
6
11
MHz
CIN
Input Capacitance
Clock Input
7.5
10
pF
Other Inputs
5
7.5
pF
RESET OPERATION
tPHL(R)
Propagation Delay Time
VDD = 5V
200
400
ns
VDD = 10V
100
200
ns
VDD = 15V
80
160
ns
tWH(R)
Minimum Reset
VDD = 5V
135
250
ns
Pulse Width
VDD = 10V
40
80
ns
VDD = 15V
30
60
ns


Podobny numer części - CD4015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD4015 INTERSIL-CD4015 Datasheet
118Kb / 8P
   CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
December 1992
CD4015 INTERSIL-CD4015 Datasheet
74Kb / 3P
   CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
July 1999
logo
National Semiconductor ...
CD4015 NSC-CD4015 Datasheet
134Kb / 6P
   Dual 4-Bit Static Shift Register
logo
List of Unclassifed Man...
CD4015 ETC2-CD4015 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
[Old version datasheet]   CMOS Dual 4-Stage Static Shift Register
More results

Podobny opis - CD4015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4015BM NSC-CD4015BM Datasheet
134Kb / 6P
   Dual 4-Bit Static Shift Register
logo
Nexperia B.V. All right...
HEF4015B NEXPERIA-HEF4015B Datasheet
213Kb / 11P
   Dual 4-bit static shift register
Rev. 10 - 26 November 2021
logo
ON Semiconductor
MC14015B ONSEMI-MC14015B_14 Datasheet
111Kb / 8P
   Dual 4-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14015B HITACHI-HD14015B Datasheet
89Kb / 7P
   Dual 4-bit Static Shift Register
logo
Rohm
BU4015B ROHM-BU4015B Datasheet
50Kb / 4P
   Dual 4-bit static shift register
logo
NXP Semiconductors
HEF4015B PHILIPS-HEF4015B Datasheet
58Kb / 5P
   Dual 4-bit static shift register
January 1995
logo
ON Semiconductor
MC14015B ONSEMI-MC14015B Datasheet
251Kb / 12P
   Dual 4-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14015B MOTOROLA-MC14015B Datasheet
251Kb / 8P
   Dual 4-Bit Static Shift Register
logo
NXP Semiconductors
HEF4517B NXP-HEF4517B_09 Datasheet
152Kb / 15P
   Dual 64-bit static shift register
Rev. 06-10 December 2009
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com