Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4019BCN Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części CD4019BCN
Szczegółowy opis  Quad AND-OR Select Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4019BCN Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  CD4019BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4019BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4019BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4019BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4019BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4019BCN Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operation
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed; they are not meant to imply that
the devices should be operated at these limits. The tables of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provide con-
ditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Note 3: VSS = 0V unless otherwise specified.
Note 4: IOH and IOL are tested one output at a time.
Supply Voltage (VDD)
−0.5V to +18V
Input Voltage (VIN)
−0.5V to V
DD +0.5V
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
+3V to +15V
Input Voltage (VIN)0V to VDDV
Operating Temperature Range (TA)
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°C
+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V
1
0.03
1
7.5
µA
Current
VDD = 10V
2
0.05
2
15
µA
VDD = 15V
4
0.07
4
30
µA
VOL
LOW Level
|IO| < 1 µA
Output Voltage
VDD = 5V
0.05
0
0.05
0.05
V
VDD = 10V
0.05
0
0.05
0.05
V
VDD = 15V
0.05
0
0.05
0.05
V
VOH
HIGH Level
|IO| < 1 µA
Output Voltage
VDD = 5V
4.95
4.95
5
4.95
V
VDD = 10V
9.95
9.95
10
9.95
V
VDD = 15V
14.95
14.95
15
14.95
V
VIL
LOW Level
VDD = 5V, VO = 0.5V or 4.5V
1.5
2
1.5
1.5
V
Input Voltage
VDD = 10V, VO = 1.0V or 9.0V
3.0
4
3.0
3.0
V
VDD = 15V, VO = 1.5V or 13.5V
4.0
6
4.0
4.0
V
VIH
HIGH Level
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
3
3.5
V
Input Voltage
VDD = 10V, VO = 1.0V or 9.0V
7.0
7.0
6
7.0
V
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
9
11.0
V
IOL
LOW Level Output
VDD = 5V, VO = 0.4V
0.52
0.44
1
0.36
mA
Current (Note 4)
VDD = 10V, VO = 0.5V
1.3
1.1
2.5
0.9
mA
VDD = 15V, VO = 1.5V
3.6
3.0
10
2.4
mA
IOH
HIGH Level Output
VDD = 5V, VO = 4.6V
−0.2
−0.16
−0.4
−0.12
mA
Current (Note 4)
VDD = 10V, VO = 9.5V
−0.5
−0.4
−1.0
−0.3
mA
VDD = 15V, VO = 13.5V
−1.4
−1.2
−3.0
−1.0
mA
IIN
Input Current
VDD = 15V, VIN = 0V
−0.30
−10−5
−0.30
−1.0
µA
VDD = 15V, VIN = 15V
0.30
10−5
0.30
1.0
µA


Podobny numer części - CD4019BCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4019BC NSC-CD4019BC Datasheet
107Kb / 4P
   Quad AND-OR Select Gate
More results

Podobny opis - CD4019BCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Electronics
MMC4019 MICRO-ELECTRONICS-MMC4019 Datasheet
102Kb / 4P
   QUAD AND OR SELECT GATE
logo
STMicroelectronics
HCC4019B STMICROELECTRONICS-HCC4019B Datasheet
281Kb / 13P
   QUAD AND/OR SELECT GATE
logo
System Logic Semiconduc...
SL4019B SLS-SL4019B Datasheet
43Kb / 4P
   Quad AND/OR Select Gate
logo
National Semiconductor ...
CD4019BM NSC-CD4019BM Datasheet
107Kb / 4P
   Quad AND-OR Select Gate
logo
List of Unclassifed Man...
IW4019B ETC1-IW4019B Datasheet
245Kb / 5P
   Quad AND/OR Select Gate
logo
STMicroelectronics
HCF4019B STMICROELECTRONICS-HCF4019B_01 Datasheet
405Kb / 9P
   QUAD AND/OR SELECT GATE
logo
Texas Instruments
CD4019B TI-CD4019B Datasheet
515Kb / 11P
[Old version datasheet]   CMOS Quad AND/OR Select Gate
logo
Intersil Corporation
CD4019BMS INTERSIL-CD4019BMS Datasheet
112Kb / 9P
   CMOS Quad AND/OR Select Gate
November 1994
logo
KODENSHI_AUK CORP.
KK4019B KODENSHI-KK4019B Datasheet
259Kb / 5P
   Quad AND/OR Select Gate High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com