Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4538 Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części CD4538
Szczegółowy opis  Dual Precision Monostable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4538 Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button CD4538 Datasheet HTML 3Page - Fairchild Semiconductor CD4538 Datasheet HTML 4Page - Fairchild Semiconductor CD4538 Datasheet HTML 5Page - Fairchild Semiconductor CD4538 Datasheet HTML 6Page - Fairchild Semiconductor CD4538 Datasheet HTML 7Page - Fairchild Semiconductor CD4538 Datasheet HTML 8Page - Fairchild Semiconductor CD4538 Datasheet HTML 9Page - Fairchild Semiconductor CD4538 Datasheet HTML 10Page - Fairchild Semiconductor CD4538 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
Typical Applications
FIGURE 6. Typical Normalized Distribution of Units
for Output Pulse Width
FIGURE 7. Typical Pulse Width Variation as a
Function of Supply Voltage VDD
FIGURE 8. Typical Total Supply Current Versus
Output Duty Cycle, RX = 100 kΩ, CL = 50 pF,
CX = 100 pF, One Monostable Switching Only
FIGURE 9. Typical Pulse Width Error
Versus Temperature
FIGURE 10. Typical Pulse Width Error
Versus Temperature
FIGURE 11. Typical Pulse Width Versus
Timing RC Product


Podobny numer części - CD4538

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4538 NSC-CD4538 Datasheet
237Kb / 10P
   Dual Precision Monostable
CD4538BC NSC-CD4538BC Datasheet
237Kb / 10P
   Dual Precision Monostable
logo
Fairchild Semiconductor
CD4538BC FAIRCHILD-CD4538BC Datasheet
139Kb / 11P
   Dual Precision Monostable
CD4538BCM FAIRCHILD-CD4538BCM Datasheet
139Kb / 11P
   Dual Precision Monostable
CD4538BCN FAIRCHILD-CD4538BCN Datasheet
139Kb / 11P
   Dual Precision Monostable
More results

Podobny opis - CD4538

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
CD4538BC FAIRCHILD-CD4538BC_02 Datasheet
139Kb / 11P
   Dual Precision Monostable
logo
National Semiconductor ...
CD4538BC NSC-CD4538BC Datasheet
237Kb / 10P
   Dual Precision Monostable
logo
NXP Semiconductors
HEF4938BT PHILIPS-HEF4938BT Datasheet
182Kb / 17P
   Dual precision monostable multivibrator
Rev. 6-15 November 2011
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_16 Datasheet
168Kb / 14P
   Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
logo
NXP Semiconductors
HEF4538B PHILIPS-HEF4538B Datasheet
102Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4538B PHILIPS-HEF4538B_15 Datasheet
338Kb / 18P
   Dual precision monostable multivibrator
Rev. 9-10 December 2013
logo
Rohm
BU4538B ROHM-BU4538B Datasheet
88Kb / 5P
   Dual precision monostable multivibrator
logo
NXP Semiconductors
HEF4538B NXP-HEF4538B Datasheet
107Kb / 17P
   Dual precision monostable multivibrator
Rev. 06-2 November 2009
HEC4538 PHILIPS-HEC4538 Datasheet
106Kb / 8P
   Dual precision monostable multivibrator
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com