Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74123 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części 74123
Szczegółowy opis  Dual Retriggerable One-Shot with Clear and Complementary Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74123 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  74123 Datasheet HTML 1Page - Fairchild Semiconductor 74123 Datasheet HTML 2Page - Fairchild Semiconductor 74123 Datasheet HTML 3Page - Fairchild Semiconductor 74123 Datasheet HTML 4Page - Fairchild Semiconductor 74123 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 2: TA = 25°C and VCC = 5V.
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 3: All typicals are at VCC = 5V, TA = 25°C.
Note 4: Not more than one output should be shorted at a time.
Note 5: Quiescent ICC is measured (after clearing) with 2.4V applied to all clear and A inputs, B inputs grounded, all outputs OPEN, CEXT = 0.02 µF,
and REXT = 25 KΩ.
Note 6: ICC is measured in the triggered state with 2.4V applied to all clear and B inputs, A inputs grounded, all outputs OPEN, CEXT = 0.02 µF,
and REXT = 25 kΩ.
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.8
mA
IOL
LOW Level Output Current
16
mA
tW
Pulse Width
A or B HIGH
40
(Note 2)
A or B LOW
40
ns
Clear LOW
40
TWQ
Minimum Width of
A or B
65
ns
(Min)
Pulse at Q (Note 2)
REXT
External Timing Resistor
5
50
k
CEXT
External Timing Capacitance
No Restriction
µF
CWIRE
Wiring Capacitance
50
pF
at REXT/CEXT Terminal (Note 2)
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 3)
VI
Input Clamp Voltage
VCC = Min, II = −12 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.5
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.2
0.4
V
Output Voltage
VIH = Min, VIL = Max
II
Input Current @ Max Input Voltage VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level
VCC = Max
Data
40
µA
Input Current
VI = 2.4V
Clear
80
IIL
Low Level
VCC = Max, VI = 0.4V
Clear
−3.2
mA
Input Current
Data
−1.6
IOS
Short Circuit Output Current
VCC = Max (Note 4)
−10
−40
mA
ICC
Supply Current
VCC = Max (Note 5)(Note 6)
46
66
mA


Podobny numer części - 74123

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
74123 ETC2-74123 Datasheet
452Kb / 2P
   Phillips Bits
More results

Podobny opis - 74123

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74LS123 FAIRCHILD-DM74LS123 Datasheet
96Kb / 8P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM54123 NSC-DM54123 Datasheet
130Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 NSC-DM74LS123 Datasheet
135Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS221 NSC-DM74LS221 Datasheet
142Kb / 6P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74LS221 FAIRCHILD-DM74LS221 Datasheet
108Kb / 8P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS122 NSC-DM74LS122 Datasheet
129Kb / 6P
   DM74LS122 Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121 Datasheet
69Kb / 5P
   One-Shot with Clear and Complementary Outputs
DM74121 FAIRCHILD-DM74121_01 Datasheet
71Kb / 5P
   One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
54121 NSC-54121 Datasheet
128Kb / 6P
   One-Shot with Clear and Complementary Outputs
54123 NSC-54123 Datasheet
157Kb / 4P
   DUAL RETRIGGERABLE ONE-SHOP WITH CLEAR AND COMPLEMENTARY OUTPUTS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com