Zakładka z wyszukiwarką danych komponentów |
|
ES06S Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
ES06S Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 3 page ES2A-ES2D, Rev. A 2.0 Ampere Superfast Rectifiers Absolute Maximum Ratings* T A = 25°C unless otherwise noted Electrical Characteristics T A = 25°C unless otherwise noted ©1999 Fairchild Semiconductor Corporation Parameter Device Units 2A 2B 2C 2D Peak Repetitive Reverse Voltage 50 100 150 200 V Maximum RMS Voltage 35 70 105 140 V DC Reverse Voltage (Rated VR) 50 100 150 200 V Maximum Reverse Current @ rated VR TA = 25 °C TA = 100 °C 10 350 µA µA Maximum Reverse Recovery Time IF = 0.5 A, IR = 1.0 A, IRR = 0.25 A 20 nS Maximum Forward Voltage @ 2.0 A 0.90 V Typical Junction Capacitance VR = 4.0 V, f = 1.0 MHz 18 pF Symbol Parameter Value Units IO Average Rectified Current .375 " lead length @ TA = 110 °C 2.0 A if(surge) Peak Forward Surge Current 8.3 ms single half-sine-wave Superimposed on rated load (JEDEC method) 50 A PD Total Device Dissipation Derate above 25 °C 1.66 13.3 W mW/ °C RθJA Thermal Resistance, Junction to Ambient** 75 °C/W RθJL Thermal Resistance, Junction to Lead** 20 °C/W Tstg Storage Temperature Range -50 to +150 °C TJ Operating Junction Temperature -50 to +150 °C ES2A - ES2D Features • For surface mount applications. • Glass passivated junction. • Low profile package. • Easy pick and place. • Built-in strain relief. • Superfast recovery times for high efficiency. SMB/DO-214AA COLOR BAND DENOTES CATHODE 2 1 0.220 (5.588) 0.200 (5.080) 0.185 (4.699) 0.160 (4.064) 0.096 (2.438) 0.083 (2.108) 0.155 (3.937) 0.130 (3.302) 0.008 (0.203) 0.004 (0.102) 0.012 (0.305) 0.006 (0.152) 0.050 (1.270) 0.030 (0.762) 0.083 (2.108) 0.075 (1.905) *These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. **Device mounted on FR-4 PCB 0.013 mm. Discrete POWER & Signal Technologies |
Podobny numer części - ES06S |
|
Podobny opis - ES06S |