Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB1045 Arkusz danych(PDF) 6 Page - Leshan Radio Company

Numer części SB1045
Szczegółowy opis  Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB1045 Arkusz danych(HTML) 6 Page - Leshan Radio Company

  SB1045 Datasheet HTML 1Page - Leshan Radio Company SB1045 Datasheet HTML 2Page - Leshan Radio Company SB1045 Datasheet HTML 3Page - Leshan Radio Company SB1045 Datasheet HTML 4Page - Leshan Radio Company SB1045 Datasheet HTML 5Page - Leshan Radio Company SB1045 Datasheet HTML 6Page - Leshan Radio Company SB1045 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
标题:
4 编带规格 brede spec
W
P
L1-L2
H
Z
R
T
 
1. 红白编带厚度为0.05mm;两种胶带各自之间无明显色差;编带要求均为胶带。
The typing thickness is 0.05mm and color is obvious difference
2. 两端引带20~40cm. Typing lead over 20~40cm
3. 红色编带一端为二极管“负极”;白色编带一端为二极管“正极”。
red color is cathode ,white color is anode
4. 无卤 green epoxy compound(无卤产品才贴HF only)
<1.0
<1.0
>3.5
52 -1.0/+2.0
20
±0.5
<1.2
6
±1.0
52/tape#
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
尺寸代号
编带尺寸 typing dimension
第 3 页
Green


Podobny numer części - SB1045

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
SB1045 WTE-SB1045 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1045 PANJIT-SB1045 Datasheet
52Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB1045 SIRECT-SB1045 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 10Amp 45~200Volt
logo
Diotech Company.
SB1045 DIOTECH-SB1045 Datasheet
682Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
First Silicon Co., Ltd
SB1045 FS-SB1045 Datasheet
335Kb / 2P
   Photovoltaic Solar cell Protection Schottky Rectifier 45V/10A SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SB1045

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
SB1520 LRC-SB1520 Datasheet
356Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
SB2020 LRC-SB2020 Datasheet
85Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 20A
SB1220 LRC-SB1220 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
logo
Hi-Sincerity Mocroelect...
HSBR10100CT HSMC-HSBR10100CT Datasheet
174Kb / 4P
   Schottky Barrier Rectifiers (Reverse Voltage 100V to150V, Forward Current 10A)
logo
Leshan Radio Company
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com