Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM260A-E Arkusz danych(PDF) 3 Page - Leshan Radio Company

Numer części SM260A-E
Szczegółowy opis  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM260A-E Arkusz danych(HTML) 3 Page - Leshan Radio Company

  SM260A-E Datasheet HTML 1Page - Leshan Radio Company SM260A-E Datasheet HTML 2Page - Leshan Radio Company SM260A-E Datasheet HTML 3Page - Leshan Radio Company SM260A-E Datasheet HTML 4Page - Leshan Radio Company SM260A-E Datasheet HTML 5Page - Leshan Radio Company SM260A-E Datasheet HTML 6Page - Leshan Radio Company SM260A-E Datasheet HTML 7Page - Leshan Radio Company SM260A-E Datasheet HTML 8Page - Leshan Radio Company SM260A-E Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3. dimension:
SM240A-E: " S"--肖特基产品;"M"--表面贴装; "2"--正向电流2A; " 40"---VB为40V; "A"--SMA封装;
"E"--满足ESD大于15KV.
SM220A-E thru SM2100A-E


Podobny numer części - SM260A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
UNIOHM CORPORATION
SM260A UNIOHM-SM260A Datasheet
66Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM260A SECOS-SM260A Datasheet
242Kb / 2P
   2.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM260A TAYCHIPST-SM260A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM260A LRC-SM260A Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V
logo
AiT Semiconductor Inc.
SM260A AITSEMI-SM260A Datasheet
663Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2.0A
REV2.1
More results

Podobny opis - SM260A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
SM220B LRC-SM220B Datasheet
188Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B-E LRC-SM220B-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM120A-E LRC-SM120A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com