Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM2100A-E Arkusz danych(PDF) 1 Page - Leshan Radio Company

Numer części SM2100A-E
Szczegółowy opis  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM2100A-E Arkusz danych(HTML) 1 Page - Leshan Radio Company

  SM2100A-E Datasheet HTML 1Page - Leshan Radio Company SM2100A-E Datasheet HTML 2Page - Leshan Radio Company SM2100A-E Datasheet HTML 3Page - Leshan Radio Company SM2100A-E Datasheet HTML 4Page - Leshan Radio Company SM2100A-E Datasheet HTML 5Page - Leshan Radio Company SM2100A-E Datasheet HTML 6Page - Leshan Radio Company SM2100A-E Datasheet HTML 7Page - Leshan Radio Company SM2100A-E Datasheet HTML 8Page - Leshan Radio Company SM2100A-E Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260
°C/10 seconds at terminals
* IEC61000-4-2 ESD Air Contact≥
±15KV
Mechanical Data
Case: JEDEC DO-214AC,
molded plastic over sky die
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
We declare that the material of product compliance
Weight: 0.0023 oz., 0.065 g
with ROHS requirements
Handling precautin:None
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SM220A-
E
SM230A-
E
SM240A-
E
SM250A-
E
SM260A-
E
SM280A-
E
SM2100A-
E
Unit
device marking code
S22
S23
S24
S25
S26
S28
S210
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100V
Maximum average forward rectified current
at TA = 75
°C
IF(AV)
A
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC Method)
IFSMA
Typical thermal resistance (Note 1)
R
θJA
°C/W
Operating junction and storage temperature
range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SM220A-
E
SM230A-
E
SM240A-
E
SM250A-
E
SM260A-
E
SM280A-
E
SM2100A-
E
Unit
Maximum instantaneous forward voltage at
2.0A
VF
V
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage Tj = 125
°C
IR
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. 8.0mm2 (.013mm thick) land areas
SM220A-E thru SM2100A-E
110
–40 to +150
2.0
60
Schottky Barrier Rectifiers
Reverse Voltage 20 to100V Forward Current 2.0A
0.50
0.70
0.85
50
0.5
5.0


Podobny numer części - SM2100A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
UNIOHM CORPORATION
SM2100A UNIOHM-SM2100A Datasheet
66Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM2100A SECOS-SM2100A Datasheet
242Kb / 2P
   2.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM2100A TAYCHIPST-SM2100A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM2100A LRC-SM2100A Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V
logo
Goodwork Semiconductor ...
SM2100A GWSEMI-SM2100A Datasheet
64Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SM2100A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
SM220B LRC-SM220B Datasheet
188Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B-E LRC-SM220B-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM120A-E LRC-SM120A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com