Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM3150A Arkusz danych(PDF) 3 Page - Leshan Radio Company

Numer części SM3150A
Szczegółowy opis  Schottky Barrier Rectifiers Reverse Voltage 150 to200V Forward Current 3.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM3150A Arkusz danych(HTML) 3 Page - Leshan Radio Company

  SM3150A Datasheet HTML 1Page - Leshan Radio Company SM3150A Datasheet HTML 2Page - Leshan Radio Company SM3150A Datasheet HTML 3Page - Leshan Radio Company SM3150A Datasheet HTML 4Page - Leshan Radio Company SM3150A Datasheet HTML 5Page - Leshan Radio Company SM3150A Datasheet HTML 6Page - Leshan Radio Company SM3150A Datasheet HTML 7Page - Leshan Radio Company SM3150A Datasheet HTML 8Page - Leshan Radio Company SM3150A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3. dimension:
SM3150A: " S"--肖特基产品;"M"--表面贴装; "3"--正向电流3A; " 150"---VB为150V; "A"--SMA封装;
SM3150A thru SM3200A


Podobny numer części - SM3150A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Goodwork Semiconductor ...
SM3150A GWSEMI-SM3150A Datasheet
64Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3150A SECOS-SM3150A Datasheet
192Kb / 2P
   Voltage 150 V 3.0 A Schottky Barrier Rectifiers
logo
AiT Semiconductor Inc.
SM3150A AITSEMI-SM3150A Datasheet
722Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3.0A
REV1.0
logo
Goodwork Semiconductor ...
SM3150A-CAR GWSEMI-SM3150A-CAR Datasheet
50Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3150AF SECOS-SM3150AF Datasheet
243Kb / 2P
   20V ~200V 3.0 Amp Surface Mount Schottky Bectifiers
More results

Podobny opis - SM3150A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SB3150 LRC-SB3150 Datasheet
202Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 3.0A
logo
First Silicon Co., Ltd
SM320AF FS-SM320AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
Leshan Radio Company
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
1N5820 LRC-1N5820_12 Datasheet
205Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
SB320 LRC-SB320_11 Datasheet
285Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
logo
Shanghai Leiditech Elec...
1N5820 LEIDITECH-1N5820 Datasheet
583Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
logo
Leshan Radio Company
LMBR3200FT1G LRC-LMBR3200FT1G Datasheet
166Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 3.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com