Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74ALS137 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części DM74ALS137
Szczegółowy opis  3 to 8 Line Decoder/Demultiplexer with Address Latches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS137 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  DM74ALS137 Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS137 Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS137 Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS137 Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS137 Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS137 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 2: The arrow (
↑) indicates the positive edge of the GL input pulse is used for reference.
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
75.5
°C/W
M Package
104.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
tW
Width of Enabling Pulse
GL LOW
10
ns
tSU
Setup Time (Note 2)
A, B, C
10
ns
tH
Hold Time (Note 2)
A, B, C
5
ns
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.5
V
VOH
HIGH Level
IOH = −0.4 mA
VCC − 2V
Output Voltage
VCC = 4.5V to 5.5V
VOL
LOW Level
VCC = 4.5V
IOL = 4 mA
0.25
0.4
V
Output Voltage
IOL = 8 mA
0.35
0.5
V
II
Input Current @ Maximum
VCC = 5.5V
Enable
0.1
mA
Input Voltage
VIH = 7V
A, B, C
0.1
IIH
HIGH Level
VCC = 5.5V
Enable
20
µA
Input Current
VIH = 2.7V
A, B, C
20
IIL
LOW Level
VCC = 5.5V
Enable
−0.1
mA
Input Current
VIL = 0.4V
A, B, C
−0.1
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
5
11
mA


Podobny numer części - DM74ALS137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DM74ALS132 NSC-DM74ALS132 Datasheet
164Kb / 6P
   DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
DM74ALS132M NSC-DM74ALS132M Datasheet
164Kb / 6P
   DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
DM74ALS132N NSC-DM74ALS132N Datasheet
164Kb / 6P
   DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
logo
Fairchild Semiconductor
DM74ALS133 FAIRCHILD-DM74ALS133 Datasheet
43Kb / 4P
   13-Input NAND Gate
DM74ALS133M FAIRCHILD-DM74ALS133M Datasheet
43Kb / 4P
   13-Input NAND Gate
More results

Podobny opis - DM74ALS137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
   3-to-8 line decoder/demultiplexer with address latches
December 1990
74HC237N PHILIPS-74HC237N Datasheet
104Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC237-Q100 NEXPERIA-74HC237-Q100 Datasheet
792Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com