Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74ALS165MX Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części DM74ALS165MX
Szczegółowy opis  8-Bit Parallel In/Serial Out Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS165MX Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS165MX Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS165MX Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS165MX Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS165MX Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS165MX Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS165MX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006712
www.fairchildsemi.com
January 1986
Revised February 2000
DM74ALS165
8-Bit Parallel In/Serial Out Shift Register
General Description
The DM74ALS165 is an 8-bit serial register that, when
clocked, shifts the data toward serial output, QH. Parallel-in
access to each stage is provided by eight individual direct
data inputs that are enabled by a low level at the SH/LD
input. The DM74ALS165 also features a clock inhibit func-
tion and a complemented serial output, QH.
Clocking is accomplished by a LOW-to-HIGH transition of
the CLK input while SH/LD is held HIGH and CLK INH is
held LOW. The functions of the CLK and CLK INH (clock
inhibit) inputs are interchangeable. Since a LOW CLK input
and a LOW-to-HIGH transition of CLK INH will also accom-
plish clocking, CLK INH should be changed to the high
level only while the CLK input is HIGH. Parallel loading is
inhibited when SH/LD is held HIGH. The parallel inputs to
the register are enabled while SH/LD is LOW indepen-
dently of the levels of CLK, CLK INH, or SER inputs.
Features
s Complementary outputs
s Direct overriding load (data) inputs
s Gated clock inputs
s Parallel-to-serial data conversion
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
H
= HIGH Level (steady-state),
L
= LOW Level (steady-state)
X
= Don't Care (any input, including transitions)
↑ = Transition from LOW-to-HIGH level
a...h
= The level of steady-state input at inputs A through H, respectively
QA0, QB0, QH0 = The level of QA, QB, or QH, respectively, before the
indicated steady-state input conditions were established
QAn, QGn = The level of QA or QG, respectively, before the most recent
↑ transition of the clock
Order Number
Package Number
Package Description
DM74ALS165M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS165N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Inputs
Internal
Shift/ Clock Clock Serial Parallel
Outputs
Output
Load Inhibit
A...H
QA
QB
QH
L
X
X
X
a...h
a
b
h
HL
L
X
X
QA0
QB0
QH0
HL
HX
H
QAn
QGn
HL
LX
L
QAn
QGn
H
LH
X
H
QAn
QGn
H
LL
X
L
QAn
QGn
HH
X
X
X
QA0 QB0
QH0


Podobny numer części - DM74ALS165MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS161B FAIRCHILD-DM74ALS161B Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS161BM FAIRCHILD-DM74ALS161BM Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS161BN FAIRCHILD-DM74ALS161BN Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS162BM FAIRCHILD-DM74ALS162BM Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS162BN FAIRCHILD-DM74ALS162BN Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
More results

Podobny opis - DM74ALS165MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com