Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM2398N Arkusz danych(PDF) 1 Page - Analog Power

Numer części AM2398N
Szczegółowy opis  N-Channel 60V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGPOWER [Analog Power]
Strona internetowa  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2398N Arkusz danych(HTML) 1 Page - Analog Power

  AM2398N Datasheet HTML 1Page - Analog Power AM2398N Datasheet HTML 2Page - Analog Power AM2398N Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM2398N
Analog Power
April, 2004 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM2398_B
These miniature surface mount MOSFETs
utilize High Cell Density process. Low r
DS(on)
assures minimal power loss and conserves
energy, making this device ideal for use in
power management circuitry. Typical
applications are power switch, power
management in portable and battery-powered
products such as computers, printers, PCMCIA
cards, cellular and cordless telephones.
VDS (V)
rDS(on) (Ω)ID (A)
0.194 @ VGS = 10 V
2.2
0.273 @ VGS = 4.5V
1.8
PRODUCT SUMMARY
60
N-Channel 60V (D-S) MOSFET
•Low r
DS(on) Provides Higher Efficiency and
Extends Battery Life
Low Gate Charge
Fast Switch
Miniature SOT-23 Surface Mount Package
Saves Board Space
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol Maximum Units
VDS
60
VGS
±20
TA=25
oC2.2
TA=70
oC1.7
IDM
±15
IS
1.7
A
TA=25
oC1.3
TA=70
oC0.8
TJ, Tstg -55 to 150
oC
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Symbol Maximum Units
t <= 5 sec
100
Steady-State
166
THERMAL RESISTANCE RATINGS
Parameter
oC/W
Maximum Junction-to-Ambient
a
RTHJA
D
S
G


Podobny numer części - AM2398N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM2398NE ANALOGPOWER-AM2398NE Datasheet
183Kb / 3P
   N-Channel 60V (D-S) MOSFET
More results

Podobny opis - AM2398N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bruckewell Technology L...
MSD23N58 BWTECH-MSD23N58 Datasheet
227Kb / 4P
   N-Channel 60V (D-S) MOSFET
logo
Analog Power
AM2398NE ANALOGPOWER-AM2398NE Datasheet
183Kb / 3P
   N-Channel 60V (D-S) MOSFET
AM2358NE ANALOGPOWER-AM2358NE Datasheet
172Kb / 3P
   N-Channel 60V (D-S) MOSFET
logo
SHIKUES Electronics
SK10N06 SKTECHNOLGY-SK10N06 Datasheet
963Kb / 4P
   N-Channel 60V(D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBTA161K VBSEMI-VBTA161K Datasheet
720Kb / 8P
   N-Channel 60V (D-S) MOSFET
2N7002T. VBSEMI-2N7002T. Datasheet
1Mb / 8P
   N-Channel 60V (D-S) MOSFET
logo
Analog Power
AM3460N ANALOGPOWER-AM3460N Datasheet
115Kb / 3P
   N-Channel 60V (D-S) MOSFET
AM1360NE ANALOGPOWER-AM1360NE Datasheet
121Kb / 3P
   N-Channel 60V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VB5610N VBSEMI-VB5610N Datasheet
800Kb / 10P
   N- and P-Channel 60V (D-S) MOSFET
VB562K VBSEMI-VB562K Datasheet
765Kb / 10P
   N- and P-Channel 60V (D-S) MOSFET
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com