Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74ALS533 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części DM74ALS533
Szczegółowy opis  Octal D-Type Transparent Latch with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS533 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS533 Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS533 Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS533 Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS533 Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS533 Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS533 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006222
www.fairchildsemi.com
April 1984
Revised February 2000
DM74ALS533
Octal D-Type Transparent Latch with 3-STATE Outputs
General Description
These 8-bit registers feature totem-pole 3-STATE outputs
designed specifically for driving highly-capacitive or rela-
tively low-impedance loads. The high-impedance state and
increased high-logic-level drive provide these registers with
the capability of being connected directly to and driving the
bus lines in a bus-organized system without need for inter-
face or pull-up components. They are particularly attractive
for implementing buffer registers, I/O ports, bidirectional
bus drivers, and working registers.
The eight inverting latches of the DM74ALS533 are trans-
parent D-type latches. While the enable (G) is HIGH the Q
outputs will follow the complement of the data (D) inputs.
When the enable is taken LOW the output will be latched at
the complement of the level of the data that was set up.
A buffered output control input can be used to place the
eight outputs in either a normal logic state (HIGH or LOW
logic levels) or a high-impedance state. In the high-imped-
ance state the outputs neither load nor drive the bus lines
significantly.
The output control does not affect the internal operation of
the latches. That is, the old data can be retained or new
data can be entered even while the outputs are OFF.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s 3-STATE buffer-type outputs drive bus lines directly
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Order Number
Package Number
Package Description
DM74ALS533WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74ALS533N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Podobny numer części - DM74ALS533

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS534 FAIRCHILD-DM74ALS534 Datasheet
58Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop
DM74ALS534N FAIRCHILD-DM74ALS534N Datasheet
58Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop
DM74ALS534WM FAIRCHILD-DM74ALS534WM Datasheet
58Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop
More results

Podobny opis - DM74ALS533

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com