Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74ALS540AN Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części DM74ALS540AN
Szczegółowy opis  Octal Inverting Buffer and Line Driver with 3-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS540AN Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  DM74ALS540AN Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS540AN Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS540AN Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS540AN Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS540AN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended free air temperature range
Switching Characteristics
over recommended free air operating temperature range
Supply Voltage
7V
Input Voltage
7V
Voltage Applied to a
Disabled 3-STATE Output
5.5V
Operating Free-Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
58.5
°C/W
M Package
77.5
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.7
V
IOH
HIGH Level Output Current
−15
mA
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = 4.5V to 5.5V
IOH = −0.4 mA
VCC − 2
Output Voltage
VCC = Min
IOH = −3 mA
2.4
3.2
V
IOH = Max
2
VOL
LOW Level
VCC = Min
IOL = 12 mA
0.25
0.4
mA
Output Voltage
IOL = 24 mA
0.35
0.5
II
Input Current @ Maximum Input Voltage VCC = Max, VI = 7V
100
µA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−100
µA
IOZH
HIGH Level 3-STATE Output Current
VCC = Max, VO = 2.7V
20
µA
IOZL
LOW Level 3-STATE Output Current
VCC = Max, VO = 0.4V
−20
µA
IO
Output Drive Current
VCC = Max, VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = Max
Outputs HIGH
5
10
Outputs LOW
13
22
mA
Outputs Disabled
11
19
Symbol
Parameter
Conditions
From (Input)
Min
Max
Units
To (Output)
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V,
A or B to Y
2
12
ns
LOW-to-HIGH Level Output
R1 = R2 = 500Ω,
tPHL
Propagation Delay Time
CL = 50 pF
A or B to Y
2
9
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time to HIGH Level Output
G to Y
5
15
ns
tPZL
Output Enable Time to LOW Level Output
G to Y
8
20
ns
tPHZ
Output Disable Time from HIGH Level Output
G to Y
1
10
ns
tPLZ
Output Disable Time from LOW Level Output
G to Y
2
12
ns


Podobny numer części - DM74ALS540AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS541 FAIRCHILD-DM74ALS541 Datasheet
62Kb / 6P
   Octal Buffer and Line Driver with 3-STATE Outputs
DM74ALS541N FAIRCHILD-DM74ALS541N Datasheet
62Kb / 6P
   Octal Buffer and Line Driver with 3-STATE Outputs
DM74ALS541SJ FAIRCHILD-DM74ALS541SJ Datasheet
62Kb / 6P
   Octal Buffer and Line Driver with 3-STATE Outputs
DM74ALS541WM FAIRCHILD-DM74ALS541WM Datasheet
62Kb / 6P
   Octal Buffer and Line Driver with 3-STATE Outputs
More results

Podobny opis - DM74ALS540AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74C240 FAIRCHILD-MM74C240 Datasheet
99Kb / 8P
   Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74VHC240 ONSEMI-MC74VHC240_11 Datasheet
133Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3-State Outputs
May, 2011 ??Rev. 5
logo
Fairchild Semiconductor
74LVT2240 FAIRCHILD-74LVT2240 Datasheet
76Kb / 6P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs
DM74ALS541 FAIRCHILD-DM74ALS541 Datasheet
62Kb / 6P
   Octal Buffer and Line Driver with 3-STATE Outputs
logo
Texas Instruments
SN74HCT244-EP TI1-SN74HCT244-EP Datasheet
499Kb / 10P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HC244-EP TI1-SN74HC244-EP Datasheet
608Kb / 14P
[Old version datasheet]    OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HC244-Q1 TI1-SN74HC244-Q1 Datasheet
278Kb / 11P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74ALS1240 TI1-SN74ALS1240 Datasheet
95Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HCT244-Q1 TI1-SN74HCT244-Q1 Datasheet
182Kb / 8P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com