Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74ALS564A Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części DM74ALS564A
Szczegółowy opis  Octal D-Type Edge-Triggered Flip-Flop with
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS564A Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS564A Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS564A Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS564A Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS564A Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS564A Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS564A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006225
www.fairchildsemi.com
September 1986
Revised February 2000
DM74ALS564A
Octal D-Type Edge-Triggered Flip-Flop with
3-STATE Outputs
General Description
These 8-bit registers feature totem-pole 3-STATE outputs
designed specifically for driving highly-capacitive or rela-
tively low-impedance loads. The high-impedance state and
increased high-logic-level drive provide these registers with
the capability of being connected directly to and driving the
bus lines in a bus-organized system without need for inter-
face or pull-up components. They are particularly attractive
for implementing buffer registers, I/O ports, bidirectional
bus drivers, and working registers.
The eight flip-flops of the DM74ALS564A are edge-trig-
gered inverting D-type flip-flops. On the positive transition
of the clock, the Q outputs will be set to the complement of
the logic states that were set up at the D inputs.
A buffered output control input can be used to place the
eight outputs in either a normal logic state (HIGH or LOW
logic levels) or a high-impedance state. In the high-imped-
ance state the outputs neither load nor drive the bus lines
significantly.
The output control does not affect the internal operation of
the flip-flops. That is, the old data can be retained or new
data can be entered even while the outputs are OFF.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s 3-STATE buffer-type outputs drive bus lines directly
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Order Number
Package Number
Package Description
DM74ALS564AWM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74ALS564AN
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Podobny numer części - DM74ALS564A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS563A FAIRCHILD-DM74ALS563A Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Output
DM74ALS563AN FAIRCHILD-DM74ALS563AN Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Output
DM74ALS563AWM FAIRCHILD-DM74ALS563AWM Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Output
More results

Podobny opis - DM74ALS564A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS534 FAIRCHILD-DM74ALS534 Datasheet
58Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop
DM74ALS273 FAIRCHILD-DM74ALS273 Datasheet
76Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with Clear
logo
Mitsubishi Electric Sem...
M74LS273P MITSUBISHI-M74LS273P Datasheet
210Kb / 4P
   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP FLOP WITH RESET
logo
Fairchild Semiconductor
DM74ALS374 FAIRCHILD-DM74ALS374 Datasheet
72Kb / 7P
   Octal 3-STATE D-Type Edge-Triggered Flip-Flop
MM74HC574 FAIRCHILD-MM74HC574 Datasheet
90Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
MM74HC574SJX FAIRCHILD-MM74HC574SJX Datasheet
105Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
logo
Texas Instruments
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com