Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74ALS574AWM Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części DM74ALS574AWM
Szczegółowy opis  Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS574AWM Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS574AWM Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS574AWM Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS574AWM Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS574AWM Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS574AWM Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS574AWM Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS574AWM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Switching Characteristics
over recommended operating free air temperature range
Symbol
Parameter
Conditions
From
To
Min
Max
Units
fMAX
Maximum Clock Frequency
VCC = 4.5V to 5.5V
35
MHz
tPLH
Propagation Delay Time
RL = 500Ω
Clock
Any Q
4
14
ns
LOW-to-HIGH Level Output
CL = 50 pF
tPHL
Propagation Delay Time
Clock
Any Q
4
14
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
Output Control
Any Q
4
18
ns
to HIGH Level Output
tPZL
Output Enable Time
Output Control
Any Q
4
18
ns
to LOW Level Output
tPHZ
Output Disable Time
Output Control
Any Q
2
10
ns
from HIGH Level Output
tPLZ
Output Disable Time
Output Control
Any Q
2
12
ns
from LOW Level Output


Podobny numer części - DM74ALS574AWM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS573B FAIRCHILD-DM74ALS573B Datasheet
71Kb / 7P
   Extended Temperature Octal D-Type Transparent Latch
DM74ALS573BN FAIRCHILD-DM74ALS573BN Datasheet
71Kb / 7P
   Extended Temperature Octal D-Type Transparent Latch
DM74ALS573BSJ FAIRCHILD-DM74ALS573BSJ Datasheet
71Kb / 7P
   Extended Temperature Octal D-Type Transparent Latch
DM74ALS573BWM FAIRCHILD-DM74ALS573BWM Datasheet
71Kb / 7P
   Extended Temperature Octal D-Type Transparent Latch
DM74ALS576A FAIRCHILD-DM74ALS576A Datasheet
57Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
More results

Podobny opis - DM74ALS574AWM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-EP TI1-SN74LV374A-EP Datasheet
446Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN64BCT374 TI1-SN64BCT374 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374AT TI1-SN74LV374AT Datasheet
874Kb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS576A FAIRCHILD-DM74ALS576A Datasheet
57Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS576A FAIRCHILD-DM74ALS576A_04 Datasheet
73Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
logo
Texas Instruments
SN74LVC374A-EP TI1-SN74LVC374A-EP Datasheet
581Kb / 13P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC574A-EP TI1-SN74LVC574A-EP Datasheet
412Kb / 9P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com