Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74AS169AM Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części DM74AS169AM
Szczegółowy opis  Synchronous 4-Bit Binary Up/Down Counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS169AM Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  DM74AS169AM Datasheet HTML 1Page - Fairchild Semiconductor DM74AS169AM Datasheet HTML 2Page - Fairchild Semiconductor DM74AS169AM Datasheet HTML 3Page - Fairchild Semiconductor DM74AS169AM Datasheet HTML 4Page - Fairchild Semiconductor DM74AS169AM Datasheet HTML 5Page - Fairchild Semiconductor DM74AS169AM Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
over recommended operating free air temperature range
Note 3: Propagation delay time from up/down to ripple carry must be measured with the counter at either a minimum or a maximum count. As the logic level
of the up/down input is changed, the ripple carry output will follow. If the count is minimum (0), the ripple carry output transition will be in phase. If the count is
maximum, the ripple carry output will be out of phase.
Symbol
Parameter
Conditions
From
To
Min
Max
Units
fMAX
Maximum Clock Frequency
VCC = 4.5V to 5.5V
75
MHz
tPLH
Propagation Delay Time
RL = 500Ω
Clock
RIPPLE Carry
3
16.5
ns
LOW-to-HIGH Level Output
CL = 50 pF
tPHL
Propagation Delay Time
Clock
RIPPLE Carry
2
13
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Clock
Any Q
1
7
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock
Any Q
2
13
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
En T
RIPPLE Carry
1.5
9
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
En T
RIPPLE Carry
1.5
9
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
U/D
RIPPLE Carry
2
12
ns
LOW-to-HIGH Level Output
(Note 3)
tPHL
Propagation Delay Time
U/D
RIPPLE Carry
2
13
ns
HIGH-to-LOW Level Output
(Note 3)


Podobny numer części - DM74AS169AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74AS161 FAIRCHILD-DM74AS161 Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
DM74AS161M FAIRCHILD-DM74AS161M Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
DM74AS161N FAIRCHILD-DM74AS161N Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
DM74AS163M FAIRCHILD-DM74AS163M Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
DM74AS163N FAIRCHILD-DM74AS163N Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
More results

Podobny opis - DM74AS169AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74AC11191 TI-74AC11191 Datasheet
138Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
National Semiconductor ...
54LS169 NSC-54LS169 Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
74AC11191 TI1-74AC11191_09 Datasheet
148Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com