Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BUZ900P Arkusz danych(PDF) 1 Page - Seme LAB

Numer części BUZ900P
Szczegółowy opis  N?밅HANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUZ900P Arkusz danych(HTML) 1 Page - Seme LAB

  BUZ900P Datasheet HTML 1Page - Seme LAB BUZ900P Datasheet HTML 2Page - Seme LAB BUZ900P Datasheet HTML 3Page - Seme LAB BUZ900P Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TEC
MAGNA
Magnatec. Telephone (01455) 554711. Telex: 341927. Fax (01455) 552612.
Prelim. 10/94
BUZ900P
BUZ901P
VDSX
Drain – Source Voltage
VGSS
Gate – Source Voltage
ID
Continuous Drain Current
ID(PK)
Body Drain Diode
PD
Total Power Dissipation
@ Tcase = 25°C
Tstg
Storage Temperature Range
Tj
Maximum Operating Junction Temperature
RθJC
Thermal Resistance Junction – Case
±14V
8A
8A
125W
–55 to 150°C
150°C
1.0°C/W
MECHANICAL DATA
Dimensions in mm (inches)
1
3
2
3.55 (0.140)
3.81 (0.150)
0.40 (0.016)
0.79 (0.031)
2.21 (0.087)
2.59 (0.102)
1.01 (0.040)
1.40 (0.055)
15.49 (0.610)
16.26 (0.640)
4.69 (0.185)
5.31 (0.209)
1.49 (0.059)
2.49 (0.098)
1.65 (0.065)
2.13 (0.084)
5.25 (0.215)
BSC
2.87 (0.113)
3.12 (0.123)
N–CHANNEL
POWER MOSFET
FEATURES
• HIGH SPEED SWITCHING
• N–CHANNEL POWER MOSFET
• SEMEFAB DESIGNED AND DIFFUSED
• HIGH VOLTAGE (160V & 200V)
• HIGH ENERGY RATING
• ENHANCEMENT MODE
• INTEGRAL PROTECTION DIODE
• P–CHANNEL ALSO AVAILABLE AS
BUZ905P & BUZ906P
Pin 1 – Gate
TO–247
Pin 2 – Source
Pin 3 – Drain
ABSOLUTE MAXIMUM RATINGS
(Tcase = 25°C unless otherwise stated)
POWER MOSFETS FOR
AUDIO APPLICATIONS
BUZ900P
160V
BUZ901P
200V


Podobny numer części - BUZ900P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BUZ900 ETC1-BUZ900 Datasheet
43Kb / 4P
   N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
BUZ900 NJSEMI-BUZ900 Datasheet
82Kb / 2P
   N-CHANNEL POWER MOSFET
logo
List of Unclassifed Man...
BUZ900DP ETC-BUZ900DP Datasheet
45Kb / 3P
   N-CHANNEL POWER MOSFET
BUZ900X4S ETC-BUZ900X4S Datasheet
33Kb / 2P
   NEW PRODUCT UNDER DEVELOPMENT
More results

Podobny opis - BUZ900P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N6790 SEME-LAB-2N6790 Datasheet
45Kb / 2P
   N?밅HANNEL POWER MOSFET
2N7225U1 SEME-LAB-2N7225U1 Datasheet
25Kb / 2P
   N?밅HANNEL POWER MOSFET
IRFM250 SEME-LAB-IRFM250_06 Datasheet
54Kb / 3P
   N?밅HANNEL POWER MOSFET
2N7228 SEME-LAB-2N7228 Datasheet
21Kb / 2P
   N?밅HANNEL POWER MOSFET
2N6782LCC4 SEME-LAB-2N6782LCC4_07 Datasheet
30Kb / 2P
   N?밅HANNEL POWER MOSFET
IRFM3205 SEME-LAB-IRFM3205 Datasheet
22Kb / 2P
   N?밅HANNEL POWER MOSFET
IRFN3710 SEME-LAB-IRFN3710 Datasheet
46Kb / 2P
   N?밅HANNEL POWER MOSFET
IRFNJ130N SEME-LAB-IRFNJ130N Datasheet
41Kb / 2P
   N?밅HANNEL POWER MOSFET
2N6794LCC4 SEME-LAB-2N6794LCC4 Datasheet
25Kb / 2P
   N?밅HANNEL POWER MOSFET
IRFNJZ48 SEME-LAB-IRFNJZ48 Datasheet
22Kb / 2P
   N?밅HANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com