Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74LS374WM Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części DM74LS374WM
Szczegółowy opis  3-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS374WM Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  DM74LS374WM Datasheet HTML 1Page - Fairchild Semiconductor DM74LS374WM Datasheet HTML 2Page - Fairchild Semiconductor DM74LS374WM Datasheet HTML 3Page - Fairchild Semiconductor DM74LS374WM Datasheet HTML 4Page - Fairchild Semiconductor DM74LS374WM Datasheet HTML 5Page - Fairchild Semiconductor DM74LS374WM Datasheet HTML 6Page - Fairchild Semiconductor DM74LS374WM Datasheet HTML 7Page - Fairchild Semiconductor DM74LS374WM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006431
www.fairchildsemi.com
April 1986
Revised March 2000
DM74LS373 • DM74LS374
3-STATE Octal D-Type Transparent Latches
and Edge-Triggered Flip-Flops
General Description
These 8-bit registers feature totem-pole 3-STATE outputs
designed specifically for driving highly-capacitive or rela-
tively low-impedance loads. The high-impedance state and
increased high-logic level drive provide these registers with
the capability of being connected directly to and driving the
bus lines in a bus-organized system without need for inter-
face or pull-up components. They are particularly attractive
for implementing buffer registers, I/O ports, bidirectional
bus drivers, and working registers.
The eight latches of the DM74LS373 are transparent D-
type latches meaning that while the enable (G) is HIGH the
Q outputs will follow the data (D) inputs. When the enable
is taken LOW the output will be latched at the level of the
data that was set up.
The eight flip-flops of the DM74LS374 are edge-triggered
D-type flip flops. On the positive transition of the clock, the
Q outputs will be set to the logic states that were set up at
the D inputs.
A buffered output control input can be used to place the
eight outputs in either a normal logic state (HIGH or LOW
logic levels) or a high-impedance state. In the high-imped-
ance state the outputs neither load nor drive the bus lines
significantly.
The output control does not affect the internal operation of
the latches or flip-flops. That is, the old data can be
retained or new data can be entered even while the outputs
are OFF.
Features
s Choice of 8 latches or 8 D-type flip-flops in a single
package
s 3-STATE bus-driving outputs
s Full parallel-access for loading
s Buffered control inputs
s P-N-P inputs reduce D-C loading on data lines
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
DM74LS373WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74LS373SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74LS373N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
DM74LS374WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74LS374SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
IDM29901NC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Podobny numer części - DM74LS374WM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DM74LS374WM NSC-DM74LS374WM Datasheet
160Kb / 8P
   TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
More results

Podobny opis - DM74LS374WM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54LS373 TI-SN54LS373 Datasheet
331Kb / 24P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS373 TI1-SN54LS373_16 Datasheet
1Mb / 30P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN74LS373 TI-SN74LS373_07 Datasheet
694Kb / 28P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN74S374 TI-SN74S374 Datasheet
242Kb / 10P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS373 TI1-SN54LS373_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
REVISED AUGUST 2002
logo
National Semiconductor ...
DM54LS373 NSC-DM54LS373 Datasheet
160Kb / 8P
   TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
logo
Texas Instruments
CD54-74AC374 TI-CD54-74AC374 Datasheet
466Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS, 3-STATE POSITIVE-EDGE TRIGGERED
CD54AC374 TI-CD54AC374_07 Datasheet
520Kb / 16P
[Old version datasheet]   Octal D-Type Flip-Flops, 3-State Positive-Edge Triggered
CD54-74AC564 TI-CD54-74AC564 Datasheet
246Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS, 3-STATE POSITIVE-EDGE-TRIGGERED
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com