Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74LS670 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części DM74LS670
Szczegółowy opis  3-STATE 4-by-4 Register File
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS670 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  DM74LS670 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS670 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS670 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS670 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS670 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS670 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 4)
Note 4: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 5: TA = 25°C and VCC = 5V.
Note 6: Times are with respect to the Write-Enable input. Write-Select time will protect the data written into the previous address. If protection of data in the
previous address, tSETUP (WA, WB) can be ignored. As any address selection sustained for the final 30 ns of the Write-Enable pulse and during tH (WA, WB)
will result in data being written into that location. Depending on the duration of the input conditions, one or a number of previous addresses may have been
written into.
Note 7: Latch time is the time allowed for the internal output of the latch to assume the state of new data. This is important only when attempting to read from
a location immediately after that location has received new data.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2.6
mA
IOL
LOW Level Output Current
24
mA
tW
Write Enable Pulse Width (Note 5)
25
ns
tSU
Setup Time
Data
10
ns
(Note 5)(Note 6)
WA, WB
15
tH
Hold Time
Data
15
ns
(Note 5)(Note 6)
WA, WB
5
tLATCH
Latch Time for New Data (Note 5)(Note 7)
25
ns
TA
Free Air Operating Temperature
0
70
°C


Podobny numer części - DM74LS670

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DM74LS670 NSC-DM74LS670 Datasheet
150Kb / 4P
   TRI-STATE 4-BY-4 REGISTER FILES
More results

Podobny opis - DM74LS670

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74HC670 HITACHI-HD74HC670 Datasheet
56Kb / 10P
   4-by-4 Register File (with 3-state outputs)
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
   4 x 4 register file 3-state
December 1990
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
   4 x 4 register file 3-State
1990 Jul 12
74HC670 PHILIPS-74HC670 Datasheet
80Kb / 9P
   4 x 4 register file; 3-state
December 1990
logo
Hitachi Semiconductor
HD74LS670 HITACHI-HD74LS670 Datasheet
102Kb / 7P
   4-by-4 Register File(with three-state outputs)
logo
Toshiba Semiconductor
TC74HC670AP TOSHIBA-TC74HC670AP Datasheet
289Kb / 7P
   4 WORDx4 BIT REGISTER FILE(3-STATE)
logo
Motorola, Inc
SN54LS670 MOTOROLA-SN54LS670 Datasheet
202Kb / 6P
   4 x 4 REGISTER FILE WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
logo
Hitachi Semiconductor
HD74AC670 HITACHI-HD74AC670 Datasheet
62Kb / 10P
   4 x 4 Register File with 3-State Output
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com