Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74LS75N Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części DM74LS75N
Szczegółowy opis  Quad Latch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS75N Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  DM74LS75N Datasheet HTML 1Page - Fairchild Semiconductor DM74LS75N Datasheet HTML 2Page - Fairchild Semiconductor DM74LS75N Datasheet HTML 3Page - Fairchild Semiconductor DM74LS75N Datasheet HTML 4Page - Fairchild Semiconductor DM74LS75N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 4: ICC is measured with all outputs open and all inputs grounded.
Note 5: TA = 25°C and VCC = 5V.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
tW
Enable Pulse Width (Note 5)
20
ns
tSU
Setup Time (Note 5)
20
ns
tH
Hold Time (Note 5)
0
ns
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.7
3.5
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.35
0.5
Output Voltage
VIL = Max, VIH = Min
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max
VCC = Max, VI = 7V
D
0.1
mA
Input Voltage
Enable
0.4
IIH
HIGH Level Input
VCC = Max, VI = 2.7V
D
20
µA
Current
Enable
80
IIL
LOW Level Input
VCC = Max, VI = 0.4V
D
−0.4
mA
Current
Enable
−1.6
IOS
Short Circuit Output Current
VCC = Max (Note 2)
−20
−100
mA
ICC
Supply Current
VCC = Max (Note 3)
6.3
12
mA


Podobny numer części - DM74LS75N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74LS73A FAIRCHILD-DM74LS73A Datasheet
53Kb / 5P
   Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS73A NSC-DM74LS73A Datasheet
91Kb / 3P
   DUAL NEGATIVE-EDGE-TRIGGERED MASTER-SLAVE J-K FLIP-FLOPS WITH CLEAR AND COMPLEMENTARY OUTPUTS
DM74LS73A NSC-DM74LS73A Datasheet
121Kb / 6P
   Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74LS73AM FAIRCHILD-DM74LS73AM Datasheet
53Kb / 5P
   Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS73AM NSC-DM74LS73AM Datasheet
91Kb / 3P
   DUAL NEGATIVE-EDGE-TRIGGERED MASTER-SLAVE J-K FLIP-FLOPS WITH CLEAR AND COMPLEMENTARY OUTPUTS
More results

Podobny opis - DM74LS75N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC10168 MOTOROLA-MC10168 Datasheet
73Kb / 4P
   Quad Latch
logo
Texas Instruments
9314 TI1-9314_11 Datasheet
361Kb / 8P
[Old version datasheet]   Quad Latch
logo
ON Semiconductor
MC10153 ONSEMI-MC10153_02 Datasheet
111Kb / 8P
   Quad Latch
January, 2002 ??Rev. 7
MC10153 ONSEMI-MC10153 Datasheet
107Kb / 5P
   Quad Latch
1996 REV 5
logo
National Semiconductor ...
93L14 NSC-93L14 Datasheet
106Kb / 6P
   Quad Latch
logo
Fairchild Semiconductor
DM93L14 FAIRCHILD-DM93L14 Datasheet
115Kb / 5P
   Quad Latch
logo
National Semiconductor ...
9314 NSC-9314 Datasheet
123Kb / 6P
   Quad Latch
logo
LANSDALE Semiconductor ...
ML43350 LANSDALE-ML43350 Datasheet
2Mb / 4P
   Quad Latch
logo
Motorola, Inc
MC10133 MOTOROLA-MC10133 Datasheet
89Kb / 4P
   Quad Latch
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
   Quad D latch
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com