Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISLA212P25 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISLA212P25
Szczegółowy opis  Ultra High Performance Broadband 12 to 16-Bit Data Acquisition Platform
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA212P25 Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISLA212P25 Datasheet HTML 1Page - Intersil Corporation ISLA212P25 Datasheet HTML 2Page - Intersil Corporation ISLA212P25 Datasheet HTML 3Page - Intersil Corporation ISLA212P25 Datasheet HTML 4Page - Intersil Corporation ISLA212P25 Datasheet HTML 5Page - Intersil Corporation ISLA212P25 Datasheet HTML 6Page - Intersil Corporation ISLA212P25 Datasheet HTML 7Page - Intersil Corporation ISLA212P25 Datasheet HTML 8Page - Intersil Corporation ISLA212P25 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Application Note 1837
3
AN1837.0
May 3, 2013
Software Start-Up
The FPGA clock is derived from the ADC output clock, and the
FPGA clock must be active for the software to operate correctly.
Therefore, it is critical to have a convert clock present and the
board powered up before the Konverter software is launched. It is
not necessary to have an analog input signal present.
The compressed MATLAB files are unpacked the first time the
GUI is invoked after installation. This will slow the start-up the
first time the evaluation system is used but it will run more
quickly in subsequent startups. Complete information can be
found in the KMB-001 Installer manual at:
http://www.intersil.com/converters/adc_eval_platform/
The main Konverter Analyzer window is shown in Figure 16. The
application opens in FFT mode by default, but other modes can
be selected using the radio buttons in the lower left corner. In
each mode, relevant parameters are displayed in the data box
the left side of the window.
The following data is displayed in all operating modes –
1. Fsamp: Sample clock frequency, automatically detected.
2. Ffund: Input frequency, automatically detected if input is a
single tone or dominant tone waveform
3. Fund: Amplitude of the dominant tone in dBFS
4. Samples: Record length, defaults but can be updated
Data Acquisition
Normally, the first step to an FFT data display is to open the
“Setup” key in the upper left and pick a windowing function to
limit spectral leakage. All the plots and data here used the
Blackman Harris 4 term windowing. It is also possible to change
the record length for the FFT in this screen. Normally, the
continuous calibration and background keys are selected and, if
desired, an averaging of the FFT outputs may be selected in the
lower left of the Konverter screen set up for FFT display (default
at start-up). Then, press “Run” in the lower left and the FFT will be
updating. The number of averaged sweeps defaults to 10, but
can also be changed in the “Setup” conditions dialog window.
Menu items and the toolbar buttons may not function properly if
data is being captured continuously. Press “Stop” in the lower left
before selecting a menu item or using a toolbar button.
AN1433 should be consulted for more information on the
options provided in the Konverter windows. AN1434 offers help
for first time installation if needed.
Hardware and Analog Signal Path
Description
Figure 2 shows a close-up of the ISLA214P50-55210EV1Z
daughtercard.
The SMA at the top left is the analog input connection, the next
one down is an optional sense port for an attenuated version of
the differential signal being presented to the ADC input pins,
while the lower SMA is the clock input pin. Several optional
inputs are not populated, like the amplifier disable control line at
the lower left of the card and some alternate clock input paths on
the bottom. The VTEST path SMA is not populated on the board as
delivered but may be easily added.
FIGURE 2. ISLA214P50-55210EV1Z DAUGHTERBOARD


Podobny numer części - ISLA212P25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISLA212P25 INTERSIL-ISLA212P25 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA212P25 RENESAS-ISLA212P25 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA212P25 INTERSIL-ISLA212P25 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA212P25 INTERSIL-ISLA212P25 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA212P25 INTERSIL-ISLA212P25 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
More results

Podobny opis - ISLA212P25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Exar Corporation
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
logo
List of Unclassifed Man...
XE88LC05 ETC1-XE88LC05 Datasheet
1Mb / 39P
   16 10 bit Data Acquisition Ultra Low-Power Microcontroller
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com