Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISLA212P20 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISLA212P20
Szczegółowy opis  Ultra High Performance Broadband 12 to 16-Bit Data Acquisition Platform
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA212P20 Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISLA212P20 Datasheet HTML 2Page - Intersil Corporation ISLA212P20 Datasheet HTML 3Page - Intersil Corporation ISLA212P20 Datasheet HTML 4Page - Intersil Corporation ISLA212P20 Datasheet HTML 5Page - Intersil Corporation ISLA212P20 Datasheet HTML 6Page - Intersil Corporation ISLA212P20 Datasheet HTML 7Page - Intersil Corporation ISLA212P20 Datasheet HTML 8Page - Intersil Corporation ISLA212P20 Datasheet HTML 9Page - Intersil Corporation ISLA212P20 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Application Note 1837
6
AN1837.0
May 3, 2013
of 5.6V/V yields a 5.7nV/√Hz differential spot noise. Combining
this with the various noise elements within the ISLA214P50 will
give a slight degradation in the resulting SNR in the FFT. Those
calculations are described in this article: “Deliver the lowest
distortion and noise in a low power, wideband, ADC interface –
Part 2 of 4”
http://www.planetanalog.com/document.asp?doc_id=528177
The second ADTL1-12 common mode choke transformer
provides a very broadband, low insertion loss, element that
forces balance in this differential signal path. Testing with and
without this element showed a significant improvement in the
FDA output 2nd harmonic distortion at higher frequencies. This is
an optional element in the design and can be bypassed with the
optional shorts, but the best SFDR will be achieved with this
element included as it is in the standard board build.
ELEMENTS CONTRIBUTING TO THE PASSBAND
FLATNESS AND HIGHER FREQUENCY CUTOFF
Each of the elements in the signal path have fine scale rolloffs
that need to be considered to achieve the final ±0.8dB flatness
through the 100kHz to 100MHz intended digitizer range for this
example design board.
The ADT4-6T input transformer was selected mainly for its low
frequency performance. While specified as -1dB flat from
150kHz to 200MHz, typical devices measure to have a -1dB
flatness span when driven from a 50Ω source to a 200Ω load of
40kHz to 180MHz. This far exceeds the Mini-Circuits specified
flatness region on the low frequency side which is very typical for
these wideband baluns.
Figure 5 shows a comparison to measured and modeled
transformer response with a 50Ω source to 200Ω load. Since
there is limited data at low frequencies in the vendor data sheet,
no comparison is made to that.
The measured curve is showing about -0.5dB at 100kHz and
-0.3dB at 100MHz. The Spice model (used in subsequent
simulations) is only attempting to match the high and low F-3dB
frequencies and the midband gain including the measured 0.2dB
insertion loss. That modeling approach is described in this
article: “Measuring and modeling wideband baluns for
application to ADC input stages”
http://www.planetanalog.com/author.asp?section_id=434&doc
_id=558824&
For a higher frequency range design, the MA/COM
MABA-0096-CF48A0 measures in the same configuration to have a
-0.5dB flatness span from 300kHz to 220MHz typically which would
make it a good choice for 1MHz to 200MHz analog input span.
The ADT1-12 common mode choke following this actually has
0dB insertion loss in this configuration at low frequencies. This
increases to -0.2dB midband with a -1dB point at >1GHz with
these higher 200Ω source and load impedances used at this
point in the signal chain.
The amplifier will have its own frequency response from these
source impedances and gain settings. Having good simulation
models for each of the elements in the design allow easy
comparisons of options. Setting up an iSim PE circuit for the
input stage of Figure 4 gives a simulation circuit of Figure 6.
FIGURE 5. ADT4-6T RESPONSE CURVES
3.0
3.5
4.0
4.5
5.0
5.5
6.0
100k
1M
10M
100M
1G
MEASURED
MODELED
FREQUENCY (Hz)
FIGURE 6. SIMULATION CIRCUIT FOR THE INPUT STAGE PART OF THE ISLA214P50-55210EV1Z BOARD


Podobny numer części - ISLA212P20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISLA212P20 INTERSIL-ISLA212P20 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA212P20 RENESAS-ISLA212P20 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA212P20 INTERSIL-ISLA212P20 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA212P20 INTERSIL-ISLA212P20 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA212P20 INTERSIL-ISLA212P20 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
More results

Podobny opis - ISLA212P20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Exar Corporation
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
logo
List of Unclassifed Man...
XE88LC05 ETC1-XE88LC05 Datasheet
1Mb / 39P
   16 10 bit Data Acquisition Ultra Low-Power Microcontroller
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com