Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZV331KSTR-G1 Arkusz danych(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Numer części AZV331KSTR-G1
Szczegółowy opis  SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV331KSTR-G1 Arkusz danych(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV331KSTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
11
Mar. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
11
BCD Semiconductor Manufacturing Limited
Data Sheet
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV331
Figure 23. Basic Comparator
Figure 24. Driving CMOS/TTL
Figure 25. One Shot Multivibrator
75pF
100K
V
CC
4.3K
V
O
100K
100K
-
+
V
IN
AZV331
Figure 26. Squarewave Oscillator
+V
IN
+V
REF
AZV331
V
CC
3K
V
O
+
-
100K
+5.0V
+
-
1/4 MM54CXX
AZV331
1M
IN914
IN914
1M
1M
V
CC
V
O
10K
-
+
+V
IN
100pF
0.001
µF
AZV331
Typical Application


Podobny numer części - AZV331KSTR-G1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
AZV331KSTR-G1 DIODES-AZV331KSTR-G1 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

Podobny opis - AZV331KSTR-G1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AZV321 BCDSEMI-AZV321 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_01 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_10 Datasheet
893Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321 DIODES-AZV321 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Unisonic Technologies
LV321 UTC-LV321_11 Datasheet
520Kb / 11P
   SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMV358A TI1-LMV358A Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358A TI1-LMV358A_17 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com