Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA33E00WHFP-TR Arkusz danych(PDF) 3 Page - Rohm

Numer części BA33E00WHFP-TR
Szczegółowy opis  Dual-Output (Fixed/Variable) LDO Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA33E00WHFP-TR Arkusz danych(HTML) 3 Page - Rohm

  BA33E00WHFP-TR Datasheet HTML 1Page - Rohm BA33E00WHFP-TR Datasheet HTML 2Page - Rohm BA33E00WHFP-TR Datasheet HTML 3Page - Rohm BA33E00WHFP-TR Datasheet HTML 4Page - Rohm BA33E00WHFP-TR Datasheet HTML 5Page - Rohm BA33E00WHFP-TR Datasheet HTML 6Page - Rohm BA33E00WHFP-TR Datasheet HTML 7Page - Rohm BA33E00WHFP-TR Datasheet HTML 8Page - Rohm BA33E00WHFP-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/16
BA3259HFP
BA30E00WHFP
Datasheet
TSZ02201-0R6R0A600100-1-2
26.Jun.2012 Rev.001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Recommended Operating Ratings
BA3259HFP
BA30E00WHFP
Parameter
Symbol
Ratings
Unit
Parameter
Symbol
Ratings
Unit
Min.
Typ. Max.
Min.
Typ.
Max.
Input power supply
voltage
Vcc
4.75
14.0
V
Input power supply
voltage 1
Vcc1
4.1
16.0
V
3.3 V output current
Io1
1
A
Input power supply
voltage 2
Vcc2
2.8
Vcc
1
V
Variable
output current
Io2
1
A
3.3 V output current
Io1
0.6
A
Variable
output current
Io2
0.6
A
●Electrical Characteristics
○BA3259HFP (Unless otherwise specified, Ta=25℃, Vcc=5 V, R1=R2=5 k
Ω)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Circuit current
IB
3
5
mA
Io1=0mA, Io2=0mA
[3.3 V Output Block]
Output voltage 1
Vo1
3.234
3.300
3.366
V
Io1=50mA
Minimum I/O voltage difference 1
∆Vd1
1.1
1.3
V
Io1=1 A, Vcc=3.8V
Current capability 1
Io1
1.0
A
Ripple rejection 1
R.R.1
46
52
dB
f=120Hz, ein=0.5Vp-p, Io1=5mA
Input stability 1
∆VLINE1
5
15
mV
Vcc=4.75→14V, Io1=5mA
Load stability 1
∆VLOAD1
5
20
mV
Io1=5mA→1 A
Temperature coefficient of
output voltage 1
*3
Tcvo1
±0.01
%/℃
Io1=5mA, Tj=0℃ to 85℃
[Variable output]
Reference voltage
VREF
0.784
0.800
0.816
V
Io2=50mA
Minimum I/O voltage difference 2
∆Vd2
1.1
1.3
V
Io2=1 A
Current capability 2
Io2
1.0
A
Ripple rejection 2
R.R.2
46
52
dB
f=120Hz, ein=0.5Vp-p, Io2=5mA
Input stability 2
∆VLINE2
5
15
mV
Vcc=4.75→14V, Io2=5mA
Load stability 2
∆VLOAD2
5
20
mV
Io2=5mA→1 A
Temperature coefficient of
output voltage 2
*3
Tcvo2
±0.01
%/℃
Io2=5mA, Tj=0℃ to 85℃
Variable pin current
IADJ
0.05
1.0
µA
VADJ=0.85V
*3
Not 100% tested


Podobny numer części - BA33E00WHFP-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3304 ROHM-BA3304 Datasheet
121Kb / 3P
   Monolithic IGs
BA3304F ROHM-BA3304F Datasheet
121Kb / 3P
   Monolithic IGs
BA3306 ROHM-BA3306 Datasheet
95Kb / 5P
   Dual preamplifier with ALC
BA3306 ROHM-BA3306 Datasheet
121Kb / 3P
   Monolithic IGs
BA3308 ROHM-BA3308 Datasheet
172Kb / 8P
   Dual preamplifier with ALC
More results

Podobny opis - BA33E00WHFP-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com