Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC0808 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC0808
Szczegółowy opis  8-Bit D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC0808 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button DAC0808 Datasheet HTML 6Page - Texas Instruments DAC0808 Datasheet HTML 7Page - Texas Instruments DAC0808 Datasheet HTML 8Page - Texas Instruments DAC0808 Datasheet HTML 9Page - Texas Instruments DAC0808 Datasheet HTML 10Page - Texas Instruments DAC0808 Datasheet HTML 11Page - Texas Instruments DAC0808 Datasheet HTML 12Page - Texas Instruments DAC0808 Datasheet HTML 13Page - Texas Instruments DAC0808 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Test Circuits (Continued)
Application Hints
REFERENCE AMPLIFIER DRIVE AND COMPENSATION
The reference amplifier provides a voltage at pin 14 for
converting the reference voltage to a current, and a
turn-around circuit or current mirror for feeding the ladder.
The reference amplifier input currrent, I
14, must always flow
into pin 14, regardless of the set-up method or reference
voltage polarity.
Connections for a positive voltage are shown in
Figure 7.
The reference voltage source supplies the full current I
14.
For bipolar reference signals, as in the multiplying mode,
R15 can be tied to a negative voltage corresponding to the
minimum input level. It is possible to eliminate R15 with only
a small sacrifice in accuracy and temperature drift.
The compensation capacitor value must be increased with
increases in R14 to maintain proper phase margin; for R14
values of 1, 2.5 and 5 k
Ω, minimum capacitor values are 15,
37 and 75 pF. The capacitor may be tied to either V
EE or
ground, but using V
EE increases negative supply rejection.
A negative reference voltage may be used if R14 is
grounded and the reference voltage is applied to R15 as
shown in
Figure 8. A high input impedance is the main
DS005687-11
FIGURE 8. Negative V
REF (Note 8)
DS005687-12
FIGURE 9. Programmable Gain Amplifier or
Digital Attenuator Circuit (Note 8)
www.national.com
9


Podobny numer części - DAC0808

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DAC0808 NSC-DAC0808 Datasheet
222Kb / 10P
   8-Bit D/A Converters
DAC0808 NSC-DAC0808 Datasheet
309Kb / 12P
   8-Bit D/A Converter
DAC0808 NSC-DAC0808 Datasheet
195Kb / 10P
   8-Bit D/A Converters
January 1995
DAC0808LCM NSC-DAC0808LCM Datasheet
222Kb / 10P
   8-Bit D/A Converters
DAC0808LCM NSC-DAC0808LCM Datasheet
309Kb / 12P
   8-Bit D/A Converter
More results

Podobny opis - DAC0808

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_17 Datasheet
299Kb / 9P
   8-Bit A/D Converter
logo
Zarlink Semiconductor I...
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
   8-BIT D-A CONVERTER
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
   8 Bit A/D Converter
logo
Analog Devices
AD673 AD-AD673 Datasheet
278Kb / 8P
   8-Bit A/D Converter
REV. A
logo
Rohm
BA9101S ROHM-BA9101S Datasheet
128Kb / 4P
   8-bit A/D Converter
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
   8-Bit A/D Converter
REV. A
logo
National Semiconductor ...
DAC0808 NSC-DAC0808_99 Datasheet
309Kb / 12P
   8-Bit D/A Converter
logo
NXP Semiconductors
PCA9691 NXP-PCA9691 Datasheet
604Kb / 31P
   8-bit A/D and D/A converter
Rev. 02-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com