Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC3601N Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDC3601N
Szczegółowy opis  Dual N-Channel 100V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC3601N Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDC3601N Datasheet HTML 1Page - Fairchild Semiconductor FDC3601N Datasheet HTML 2Page - Fairchild Semiconductor FDC3601N Datasheet HTML 3Page - Fairchild Semiconductor FDC3601N Datasheet HTML 4Page - Fairchild Semiconductor FDC3601N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
August 2001
2001 Fairchild Semiconductor Corporation
FDC3601N Rev C(W)
FDC3601N
Dual N-Channel 100V Specified PowerTrenchMOSFET
General Description
These
N-Channel
100V
specified
MOSFETs
are
produced using Fairchild Semiconductor's advanced
PowerTrench process that has been especially tailored
to minimize on-state resistance and yet maintain low
gate charge for superior switching performance.
These devices have been designed to offer exceptional
power
dissipation
in
a
very
small
footprint
for
applications where the bigger more expensive SO-8
and TSSOP-8 packages are impractical.
Applications
• Load switch
• Battery protection
• Power management
Features
1.0 A, 100 V.
RDS(ON)= 500 m
Ω @ V
GS = 10 V
RDS(ON)= 550 m
Ω @ V
GS = 6.0 V
Low gate charge (3.7nC typical)
Fast switching speed.
High performance trench technology for extremely
low R DS(ON) .
SuperSOT
TM-6 package: small footprint 72%
(smaller than standard SO-8); low profile (1mm thick).
D1
S2
G1
D2
S1
G2
SuperSOT
-6
TM
3
2
1
4
5
6
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
100
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous
(Note 1a)
1.0
A
– Pulsed
4.0
Power Dissipation for Single Operation
(Note 1a)
0.96
(Note 1b)
0.9
PD
(Note 1c)
0.7
W
TJ, TSTG
Operating and Storage Junction Temperature Range
−55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
130
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
60
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
.601
FDC3601N
7’’
8mm
3000 units


Podobny numer części - FDC3601N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TECH PUBLIC Electronics...
FDC3601N-TP TECHPUBLIC-FDC3601N-TP Datasheet
3Mb / 6P
   100V Dual N-Channel Enhancement Mode MOSFET
More results

Podobny opis - FDC3601N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS3601 FAIRCHILD-FDS3601 Datasheet
89Kb / 5P
   100V Dual N-Channel PowerTrench MOSFET
FDS3912 FAIRCHILD-FDS3912 Datasheet
125Kb / 6P
   100V Dual N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS3601 KEXIN-KDS3601 Datasheet
63Kb / 2P
   100V Dual N-Channel PowerTrench MOSFET
KDS3912 KEXIN-KDS3912 Datasheet
63Kb / 2P
   100V Dual N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com