Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC602P Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDC602P
Szczegółowy opis  P-Channel 2.5V Specified PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC602P Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDC602P Datasheet HTML 1Page - Fairchild Semiconductor FDC602P Datasheet HTML 2Page - Fairchild Semiconductor FDC602P Datasheet HTML 3Page - Fairchild Semiconductor FDC602P Datasheet HTML 4Page - Fairchild Semiconductor FDC602P Datasheet HTML 5Page - Fairchild Semiconductor FDC602P Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
November 1999
ADVANCE INFORMATION
1999 Fairchild Semiconductor Corporation
FDC602P Rev A
FDC602P
P-Channel 2.5V Specified PowerTrench
MOSFET
General Description
This P-Channel 2.5V specified MOSFET uses a rugged
gate version of Fairchild’s advanced PowerTrench
process. It has been optimized for power management
applications with a wide range of gate drive voltage
(2.5V – 12V).
Applications
•= Battery management
•= Load switch
•= Battery protection
Features
•= –5.5 A, –12 V
RDS(ON) = 0.033
Ω @ V
GS = –4.5 V
RDS(ON) = 0.052
Ω @ V
GS = –2.5 V
•= Fast switching speed.
•= High performance trench technology for extremely
low RDS(ON) .
D
D
D
S
D
G
SuperSOT -6
TM
6
5
4
1
2
3
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–12
V
VGSS
Gate-Source Voltage
±12
V
ID
Drain Current
– Continuous
(Note 1a)
-5.5
A
– Pulsed
-30
Maximum Power Dissipation
(Note 1a)
1.6
W
PD
(Note 1b)
0.8
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
30
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
.602
FDC602P
7’’
8mm
3000 units


Podobny numer części - FDC602P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC602P FAIRCHILD-FDC602P Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
logo
VBsemi Electronics Co.,...
FDC602P VBSEMI-FDC602P Datasheet
1,006Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
More results

Podobny opis - FDC602P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDS6576 FAIRCHILD-FDS6576_06 Datasheet
451Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com