Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCP68T1G Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części BCP68T1G
Szczegółowy opis  NPN Silicon Epitaxial Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP68T1G Arkusz danych(HTML) 3 Page - ON Semiconductor

  BCP68T1G Datasheet HTML 1Page - ON Semiconductor BCP68T1G Datasheet HTML 2Page - ON Semiconductor BCP68T1G Datasheet HTML 3Page - ON Semiconductor BCP68T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BCP68T1G, SBCP68T1G
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
1.0
1000
100
10
IC, COLLECTOR CURRENT (mA)
Figure 3. “On” Voltage
0.8
0.6
0.4
0.2
0
1.0
TJ = 25C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1.0 V
VCE(sat) @ IC/IB = 10
80
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
0
70
60
50
40
30
1.0
2.0
3.0
4.0
TJ = 25C
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitance
0
5.0
10
15
20
TJ = 25C
25
20
15
10
5.0
1000
IC, COLLECTOR CURRENT (mA)
Figure 6. Base-Emitter Temperature Coefficient
-0.8
-1.2
-1.6
-2.0
-2.4
-2.8
100
10
1.0
1.0
0.8
0.6
0.4
0.2
0
100
IB, BASE CURRENT (mA)
10
1.0
0.1
0.01
TJ = 25C
I C = 10 mA
= 100 mA
= 500 mA
5.0
RqVB for VBE
= 50 mA
Figure 7. Saturation Region
= 1000 mA


Podobny numer części - BCP68T1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BCP68T1G ONSEMI-BCP68T1G Datasheet
106Kb / 4P
   NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 7
BCP68T1G ONSEMI-BCP68T1G Datasheet
109Kb / 5P
   NPN Silicon Epitaxial Transistor
January, 2014 ??Rev. 9
BCP68T1G ONSEMI-BCP68T1G_14 Datasheet
109Kb / 5P
   NPN Silicon Epitaxial Transistor
January, 2014 ??Rev. 9
More results

Podobny opis - BCP68T1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com