Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC6506 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FDC6506
Szczegółowy opis  Dual P-Channel Logic Level PowerTrench??MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6506 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FDC6506 Datasheet HTML 1Page - Fairchild Semiconductor FDC6506 Datasheet HTML 2Page - Fairchild Semiconductor FDC6506 Datasheet HTML 3Page - Fairchild Semiconductor FDC6506 Datasheet HTML 4Page - Fairchild Semiconductor FDC6506 Datasheet HTML 5Page - Fairchild Semiconductor FDC6506 Datasheet HTML 6Page - Fairchild Semiconductor FDC6506 Datasheet HTML 7Page - Fairchild Semiconductor FDC6506 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 1998 Fairchild Semiconductor Corporation
SSOT-6 Unit Orientation
Conductive Embossed
Carrier Tape
F63TNR
Label
Customize Label
Antistatic Cover Tape
SSOT-6 Packaging
Configuration: Figure 1.0
Components
Leader Tape
390mm minimum
Trailer Tape
160mm minimum
SSOT-6 Tape Leader
Trailer
Configuration: Figure 2.0
Cover Tape
Carrier
Pin 1
Tape
Note/Comments
Packaging Option
SSOT-6 Packaging Information
Standard
(no flow code)
D87Z
Packaging type
Reel Size
TNR
7” Dia
TNR
13”
Qty per Reel/Tube/Bag
3,000
10,000
Box Dimension (mm)
184x187x47
343x343x64
Max qty per Box
9,000
20,000
Weight per unit (gm)
0.0158
0.0158
Weight per Reel (kg)
0.1440
0.4700
184mm x 184mm x 47mm
Pizza Box for Standard Option
F63TNR
Label
F63TNR Label
F63TNR Label sample
343mm x 342mm x 64mm
Intermediate box for D87Z Option
631
631
631
631
LOT: CBVK741B019
FSID: FDC633N
D/C1: D9842
QTY1:
SPEC REV:
QARV:
SPEC:
QTY: 3000
D/C2:
QTY2:
CPN:
(F63TNR)2
F63TNR
Label
SuperSOTTM-6 Tape and Reel Data and Package Dimensions
December 1998, Rev. B


Podobny numer części - FDC6506

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
FDC6506P VBSEMI-FDC6506P Datasheet
1Mb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Podobny opis - FDC6506

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SI4925DY FAIRCHILD-SI4925DY Datasheet
70Kb / 5P
   Dual P-Channel, Logic Level, PowerTrench MOSFET
FDR8508P FAIRCHILD-FDR8508P Datasheet
274Kb / 8P
   Dual P-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com