Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC653N Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDC653N
Szczegółowy opis  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC653N Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDC653N Datasheet HTML 1Page - Fairchild Semiconductor FDC653N Datasheet HTML 2Page - Fairchild Semiconductor FDC653N Datasheet HTML 3Page - Fairchild Semiconductor FDC653N Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FDC653N Rev.B
0
0.5
1
1.5
2
0
3
6
9
12
15
V
, DRAIN-SOURCE VOLTAGE (V)
V
= 10V
GS
DS
3.5
3.0
5.0
4.0
4.5
6.0
0
3
6
9
12
15
0.5
1
1.5
2
2.5
3
3.5
I
, DRAIN CURRENT (A)
D
V
=3.5V
GS
4.5
10
4.0
5.0
6.0
Typical Electrical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
Figure 3. On-Resistance Variation
with Temperature.
Figure 5. Transfer Characteristics.
0
0.2
0.4
0.6
0.8
1
1.2
0.0001
0.001
0.01
0.1
1
15
V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
A
25°C
-55°C
V
=0V
GS
SD
Figure 6. Body Diode Forward Voltage
Variation with Source Current and
Temperature.
Figure 4. On Resistance Variation with
Gate-To- Source Voltage.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
1.8
T , JUNCTION TEMPERATURE (°C)
J
V
= 10V
GS
I = 5.0A
D
2
4
6
8
10
0
0.03
0.06
0.09
0.12
0.15
0.18
V
, GATE TO SOURCE VOLTAGE (V)
GS
T = 125°C
A
T = 25°C
A
I =2A
D
1.5
2
2.5
3
3.5
4
4.5
0
3
6
9
12
15
V
, GATE TO SOURCE VOLTAGE (V)
25°C
125°C
V
= 5V
DS
GS
T = -55°C
A


Podobny numer części - FDC653N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC6506 FAIRCHILD-FDC6506 Datasheet
204Kb / 8P
   Dual P-Channel Logic Level PowerTrench??MOSFET
FDC6506P FAIRCHILD-FDC6506P Datasheet
204Kb / 8P
   Dual P-Channel Logic Level PowerTrench??MOSFET
logo
VBsemi Electronics Co.,...
FDC6506P VBSEMI-FDC6506P Datasheet
1Mb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDC654P FAIRCHILD-FDC654P Datasheet
74Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results

Podobny opis - FDC653N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com