Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC655AN Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDC655AN
Szczegółowy opis  Single N-Channel, Logic Level, PowerTrenchTM MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC655AN Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDC655AN Datasheet HTML 1Page - Fairchild Semiconductor FDC655AN Datasheet HTML 2Page - Fairchild Semiconductor FDC655AN Datasheet HTML 3Page - Fairchild Semiconductor FDC655AN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
June 1998
FDC655AN
Single N-Channel, Logic Level, PowerTrench
TM MOSFET
General Description
Features
Absolute Maximum Ratings T
A = 25°C unless otherwise note
Symbol Parameter
FDC655AN
Units
V
DSS
Drain-Source Voltage
30
V
V
GSS
Gate-Source Voltage - Continuous
±20
V
I
D
Drain Current - Continuous
(Note 1a)
6.3
A
- Pulsed
20
P
D
Maximum Power Dissipation
(Note 1a)
1.6
W
(Note 1b)
0.8
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
30
°C/W
FDC655AN Rev.C
This N-Channel Logic Level MOSFET is produced using
Fairchild Semiconductor's advanced PowerTrench process
that has been especially tailored to minimize on-state
resistance and yet maintain superior switching performance.
These devices are well suited for low voltage and battery
powered applications where low in-line power loss and fast
switching are required.
6.3 A, 30 V. R
DS(ON) = 0.027
@ V
GS = 10 V
R
DS(ON) = 0.035
@ V
GS = 4.5 V.
Fast switching.
Low gate charge ( typical 9 nC)
.
SuperSOT
TM-6 package: small footprint (72% smaller than
SO-8); low profile (1mm thick); pin compatible with
TSOP-6.
SOIC-16
SOT-23
SuperSOT
TM-8
SO-8
SOT-223
SuperSOT
TM-6
3
5
6
4
1
2
3
D
D
D
S
D
G
SuperSOT
-6
TM
.55A
pin 1
© 1998 Fairchild Semiconductor Corporation


Podobny numer części - FDC655AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC655BN FAIRCHILD-FDC655BN Datasheet
528Kb / 6P
   Single N-Channel, Logic Level, PowerTrench MOSFET
More results

Podobny opis - FDC655AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDR4420A FAIRCHILD-FDR4420A Datasheet
224Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6670A FAIRCHILD-FDS6670A Datasheet
242Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6690A FAIRCHILD-FDS6690A Datasheet
457Kb / 6P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com