Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD2612 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FDD2612
Szczegółowy opis  200V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD2612 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FDD2612 Datasheet HTML 1Page - Fairchild Semiconductor FDD2612 Datasheet HTML 2Page - Fairchild Semiconductor FDD2612 Datasheet HTML 3Page - Fairchild Semiconductor FDD2612 Datasheet HTML 4Page - Fairchild Semiconductor FDD2612 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDD2612 Rev B1(W)
Typical Characteristics
0
3
6
9
12
15
024
68
10
Q
g, GATE CHARGE (nC)
I
D = 1.5A
V
DS = 50V
150V
100V
0
50
100
150
200
250
300
350
0
40
80
120
160
200
V
DS, DRAIN TO SOURCE VOLTAGE (V)
CISS
C
RSS
COSS
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
RDS(ON) LIMIT
V
GS = 10V
SINGLE PULSE
RθJA = 96
oC/W
TA = 25
oC
10ms
1ms
100µs
10s
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA =96°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
RθJA(t) = r(t) + RθJA
RθJA = 96 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Podobny numer części - FDD2612

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FDD2612 ISC-FDD2612 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - FDD2612

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC2612 FAIRCHILD-FDC2612 Datasheet
201Kb / 5P
   200V N-Channel PowerTrench MOSFET
logo
Kersemi Electronic Co.,...
KSM2614 KERSEMI-KSM2614 Datasheet
1Mb / 7P
   200V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDP2670 FAIRCHILD-FDP2670 Datasheet
83Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDS2170N3 FAIRCHILD-FDS2170N3 Datasheet
201Kb / 6P
   200V N-Channel PowerTrench??MOSFET
logo
Guangdong Kexin Industr...
KDB2670 KEXIN-KDB2670 Datasheet
51Kb / 2P
   200V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2670 FAIRCHILD-FDS2670 Datasheet
339Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDB2614 FAIRCHILD-FDB2614 Datasheet
759Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDP2614 FAIRCHILD-FDP2614 Datasheet
349Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDD2670 FAIRCHILD-FDD2670 Datasheet
95Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDS2170N7 FAIRCHILD-FDS2170N7 Datasheet
209Kb / 6P
   200V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com