Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD3682 Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FDD3682
Szczegółowy opis  N-Channel PowerTrench MOSFET 100V, 32A, 36m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD3682 Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button FDD3682 Datasheet HTML 3Page - Fairchild Semiconductor FDD3682 Datasheet HTML 4Page - Fairchild Semiconductor FDD3682 Datasheet HTML 5Page - Fairchild Semiconductor FDD3682 Datasheet HTML 6Page - Fairchild Semiconductor FDD3682 Datasheet HTML 7Page - Fairchild Semiconductor FDD3682 Datasheet HTML 8Page - Fairchild Semiconductor FDD3682 Datasheet HTML 9Page - Fairchild Semiconductor FDD3682 Datasheet HTML 10Page - Fairchild Semiconductor FDD3682 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
FDD3682 Rev. B
Thermal Resistance vs. Mounting Pad Area
The maximum rated junction temperature, TJM, and the
thermal resistance of the heat dissipating path determines
the maximum allowable device power dissipation, PDM, in an
application.
Therefore
the
application’s
ambient
temperature, TA (
oC), and thermal resistance RθJA (oC/W)
must be reviewed to ensure that TJM is never exceeded.
Equation 1 mathematically represents the relationship and
serves as the basis for establishing the rating of the part.
In using surface mount devices such as the TO-252
package, the environment in which it is applied will have a
significant influence on the part’s current and maximum
power dissipation ratings. Precise determination of PDM is
complex and influenced by many factors:
1. Mounting pad area onto which the device is attached and
whether there is copper on one side or both sides of the
board.
2. The number of copper layers and the thickness of the
board.
3. The use of external heat sinks.
4. The use of thermal vias.
5. Air flow and board orientation.
6. For non steady state applications, the pulse width, the
duty cycle and the transient thermal response of the part,
the board and the environment they are in.
Fairchild
provides
thermal
information
to
assist
the
designer’s preliminary application evaluation. Figure 21
defines the RθJA for the device as a function of the top
copper (component side) area. This is for a horizontally
positioned FR-4 board with 1oz copper after 1000 seconds
of steady state power with no air flow. This graph provides
the necessary information for calculation of the steady state
junction
temperature
or
power
dissipation.
Pulse
applications can be evaluated using the Fairchild device
Spice thermal model or manually utilizing the normalized
maximum transient thermal impedance curve.
Thermal resistances corresponding to other copper areas
can be obtained from Figure 21 or by calculation using
Equation 2 or 3. Equation 2 is used for copper area defined
in inches square and equation 3 is for area in centimeter
square. The area, in square inches or square centimeters is
the top copper area including the gate and source pads.
(EQ. 1)
P
DM
T
JM
T
A
()
RθJA
-----------------------------
=
Area in Inches Squared
(EQ. 2)
RθJA
33.32
23.84
0.268
Area
+
()
-------------------------------------
+
=
(EQ. 3)
RθJA
33.32
154
1.73
Area
+
()
----------------------------------
+
=
Area in Centimeters Squared
25
50
75
100
125
0.01
0.1
1
10
Figure 21. Thermal Resistance vs Mounting
Pad Area
RθJA = 33.32+ 23.84/(0.268+Area) EQ.2
AREA, TOP COPPER AREA in2 (cm2)
RθJA = 33.32+ 154/(1.73+Area) EQ.3
(0.645)
(6.45)
(64.5)
(0.0645)


Podobny numer części - FDD3682

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FDD3682 ISC-FDD3682 Datasheet
336Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD3682-F085 ONSEMI-FDD3682-F085 Datasheet
368Kb / 12P
   N-Channel PowerTrench® MOSFET 100V, 32A, 36mΩ
September-2017, Rev. 1
logo
VBsemi Electronics Co.,...
FDD3682-NL VBSEMI-FDD3682-NL Datasheet
984Kb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDD3682 FAIRCHILD-FDD3682_10 Datasheet
426Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 32A, 36m廓
FDD3682_F085 FAIRCHILD-FDD3682_F085 Datasheet
426Kb / 11P
   N-Channel PowerTrench짰 MOSFET
More results

Podobny opis - FDD3682

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDB3682 FAIRCHILD-FDB3682 Datasheet
278Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 32A, 36m?
FDD3682 FAIRCHILD-FDD3682_10 Datasheet
426Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 32A, 36m廓
logo
ON Semiconductor
FDD3682-F085 ONSEMI-FDD3682-F085 Datasheet
368Kb / 12P
   N-Channel PowerTrench® MOSFET 100V, 32A, 36mΩ
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDB2552 FAIRCHILD-FDB2552 Datasheet
256Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 37A, 36m?
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com