Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD5202P Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDD5202P
Szczegółowy opis  P-Channel, Logic Level, MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5202P Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDD5202P Datasheet HTML 1Page - Fairchild Semiconductor FDD5202P Datasheet HTML 2Page - Fairchild Semiconductor FDD5202P Datasheet HTML 3Page - Fairchild Semiconductor FDD5202P Datasheet HTML 4Page - Fairchild Semiconductor FDD5202P Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FDD5202P, Rev. A
FDD5202P
P-Channel, Logic Level, MOSFET
General Description
This P-Channel Logic level MOSFET is produced using
Fairchild Semiconductor's advanced process that has
been especially tailored to minimize the on state
resistance and yet maintain low gate charge for superior
switching performance.
Applications
DC/DC converter
Motor drives
L.D.O.
February 1999
PRELIMINARY
Features
-8 A, -60 V. R
DS(on)
= 0.3
Ω @ V
GS
= -10 V
R
DS(on)
= 0.5
Ω @ V
GS
= -4.5 V.
Low gate charge (15.5nC typical).
Fast switching speed.
©1999 Fairchild Semiconductor Corporation
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
-60
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
- Continuous
(Note 1)
-8
(Note 1a)
-2.3
- Pulsed
-15
A
Maximum Power Dissipation @ TC = 25
oC
(Note 1)
39
TA = 25
oC
(Note 1a)
2.8
PD
TA = 25
oC
(Note 1b)
1.3
W
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
JC
Thermal Resistance, Junction-to- Case
(Note 1)
3.2
°C/W
JA
Thermal Resistance, Junction-to- Ambient
(Note 1b)
96
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDD5202P
FDD5202P
13’’
16mm
2500
G
S
D
TO-252
S
D
G


Podobny numer części - FDD5202P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FDD5-250 ETC2-FDD5-250 Datasheet
136Kb / 3P
   Insulated Crimp Terminals Metric
logo
Fairchild Semiconductor
FDD5353 FAIRCHILD-FDD5353 Datasheet
285Kb / 6P
   N-Channel Power Trench짰 MOSFET 60V, 50A, 12.3m廓
logo
Guangdong Youtai Semico...
FDD5353 UMW-FDD5353 Datasheet
515Kb / 6P
   60V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDD5353 ISC-FDD5353 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
More results

Podobny opis - FDD5202P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM2319P ANALOGPOWER-AM2319P Datasheet
292Kb / 6P
   P - Channel Logic Level MOSFET
AM2317P ANALOGPOWER-AM2317P Datasheet
243Kb / 6P
   P - Channel Logic Level MOSFET
AM2313P ANALOGPOWER-AM2313P Datasheet
245Kb / 5P
   P - Channel Logic Level MOSFET
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
SI9435DY FAIRCHILD-SI9435DY Datasheet
101Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com