Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP748JF Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP748JF
Szczegółowy opis  Office Machine Household Use Equipment Solid State Relay Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP748JF Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP748JF Datasheet HTML 1Page - Toshiba Semiconductor TLP748JF Datasheet HTML 2Page - Toshiba Semiconductor TLP748JF Datasheet HTML 3Page - Toshiba Semiconductor TLP748JF Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLP748J
2008-12-01
3
HOC-0533
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
µA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Off
−state current
IDRM
VAK = 600 V, RGK = 27 kΩ
5
µA
Reverse current
IRRM
VKA = 600 V, RGK = 27 kΩ
5
µA
On
−state voltage
VTM
ITM = 100 mA
1.45
V
Holding current
IH
RGK = 27 kΩ
1
mA
Off
−state dv / dt
dv / dt
VAK = 420 V, RGK = 27 kΩ
5
V/µs
Anode to gate
Capacitance
Cj
V = 0, f = 1 MHz
Gate to cathode
pF
Coupled Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VAK = 6 V, RGK = 27 kΩ
10
mA
Turn
−on time
tON
IF = 30 mA, VAA = 50 V
RGK = 27 kΩ
µs
Capacitance
(input to output)
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V
1×10
12
10
14
AC, 1 minute
4000
AC, 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc


Podobny numer części - TLP748JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP748J TOSHIBA-TLP748J Datasheet
245Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
More results

Podobny opis - TLP748JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP731 TOSHIBA-TLP731 Datasheet
415Kb / 9P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY
TLP549J TOSHIBA-TLP549J Datasheet
248Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP741J TOSHIBA-TLP741J Datasheet
291Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY
TLP148G TOSHIBA-TLP148G Datasheet
256Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP548J TOSHIBA-TLP548J Datasheet
251Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP733 TOSHIBA-TLP733 Datasheet
162Kb / 10P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP748J TOSHIBA-TLP748J Datasheet
245Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP148G TOSHIBA-TLP148G_14 Datasheet
269Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com