Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD6612 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FDD6612
Szczegółowy opis  N-Channel, Logic Level, PowerTrench??MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6612 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FDD6612 Datasheet HTML 1Page - Fairchild Semiconductor FDD6612 Datasheet HTML 2Page - Fairchild Semiconductor FDD6612 Datasheet HTML 3Page - Fairchild Semiconductor FDD6612 Datasheet HTML 4Page - Fairchild Semiconductor FDD6612 Datasheet HTML 5Page - Fairchild Semiconductor FDD6612 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDD6612A/FDU6612A Rev. E(W)
Typical Characteristics
0
10
20
30
40
50
60
0
1
2
3
4
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 10V
4.5V
3.5V
3.0V
6.0V
4.0V
5.0V
0.8
1
1.2
1.4
1.6
1.8
2
0
10
20
30
40
ID, DRAIN CURRENT (A)
VGS = 3.5V
4.5V
5.0V
10V
4.0V
6.0V
Figure 1. On-Region Characteristics
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 9.5A
VGS = 10V
0.01
0.02
0.03
0.04
0.05
0.06
2
4
6
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 5 A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation
withTemperature
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage
0
10
20
30
40
50
60
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
-55
oC
25
oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature


Podobny numer części - FDD6612

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results

Podobny opis - FDD6612

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
FDD6680A FAIRCHILD-FDD6680A Datasheet
200Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com