Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1845AMDREP Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części UC1845AMDREP
Szczegółowy opis  CURRENT-MODE PWM CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC1845AMDREP Arkusz danych(HTML) 5 Page - Texas Instruments

  UC1845AMDREP Datasheet HTML 1Page - Texas Instruments UC1845AMDREP Datasheet HTML 2Page - Texas Instruments UC1845AMDREP Datasheet HTML 3Page - Texas Instruments UC1845AMDREP Datasheet HTML 4Page - Texas Instruments UC1845AMDREP Datasheet HTML 5Page - Texas Instruments UC1845AMDREP Datasheet HTML 6Page - Texas Instruments UC1845AMDREP Datasheet HTML 7Page - Texas Instruments UC1845AMDREP Datasheet HTML 8Page - Texas Instruments UC1845AMDREP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94083
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 08-Apr-10
5
VS-MURB2020CTPbF, VS-MURB2020CT-1PbF
Ultrafast Rectifier,
2 x 10 A FRED Pt®
Vishay High Power Products
Fig. 9 - Reverse Recovery Parameter Test Circuit
Fig. 10 - Reverse Recovery Waveform and Definitions
IRFP250
D.U.T.
L = 70 μH
V
R = 200 V
0.01
Ω
G
D
S
dI
F/dt
adjust
Q
rr
0.5 I
RRM
dI
(rec)M/dt
0.75 I
RRM
I
RRM
t
rr
t
b
t
a
I
F
dI
F/dt
0
(1)
(2)
(3)
(4)
(5)
(1) dI
F/dt - rate of change of current
through zero crossing
(2) I
RRM - peak reverse recovery current
(3) t
rr - reverse recovery time measured
from zero crossing point of negative
going I
F to point where a line passing
through 0.75 I
RRM and 0.50 IRRM
extrapolated to zero current.
(4) Q
rr - area under curve defined by trr
and I
RRM
t
rr x IRRM
2
Q
rr =
(5) dI
(rec)M/dt - peak rate of change of
current during t
b portion of trr


Podobny numer części - UC1845AMDREP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1845AMDREP TI-UC1845AMDREP Datasheet
425Kb / 11P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

Podobny opis - UC1845AMDREP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com