Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EZJZ1V270RA Arkusz danych(PDF) 5 Page - Panasonic Semiconductor

Numer części EZJZ1V270RA
Szczegółowy opis  Multilayer Varistor for ESD pulse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZ1V270RA Arkusz danych(HTML) 5 Page - Panasonic Semiconductor

  EZJZ1V270RA Datasheet HTML 1Page - Panasonic Semiconductor EZJZ1V270RA Datasheet HTML 2Page - Panasonic Semiconductor EZJZ1V270RA Datasheet HTML 3Page - Panasonic Semiconductor EZJZ1V270RA Datasheet HTML 4Page - Panasonic Semiconductor EZJZ1V270RA Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
– EC64 –
10–6
10–5
10–4
10–3
10–2
Current (A)
10–1
100
101
102
300
200
100
10
1
Max. Leakage Current
Max. Clamping Voltage
EZJZ V420 A
EZJZ V330 A
EZJZ V270 A
EZJZ V220 A
EZJZ V180 A
EZJZ V120 A
EZJZ V650 A
EZJZ V420 A
EZJZ V330 A
EZJZ V270 A
EZJZ V220 A
EZJZ V180 A
EZJZ V120 A
EZJZ V650 A
10–6
10–5
10–4
10–3
10–2
Current (A)
10–1
100
101
102
300
200
100
10
1
Max. Leakage Current
Max. Clamping Voltage
EZJP V080 A
0.1
1
10
100
Frequency (MHz)
1000
10000
330 pF max.
220 pF max.
100 pF max.
47 pF max.
20 pF max.
10000
1
10
100
1000
0.1
1
10
100
Frequency (MHz)
1000
10000
680 pFmax.
330 pFmax.
100 pFmax.
27 pFmax.
10000
1
10
100
1000
Frequency (MHz)
20 pF max.
47 pF max.
100 pF max.
220 pF max.
330 pF max.
10
–50
0.1
1
10
100
1000
10000
–60
–40
–30
20
0
–10
Frequency (MHz)
27 pFmax.
330 pFmax.
680 pFmax.
100 pFmax.
10
–50
0.1
1
10
100
1000
10000
–60
–40
–30
20
0
–10
Frequency vs. Capacitance
● EZJP Series
Frequency vs. Impedance
● EZJP Series
Voltage vs. Current
● EZJP Series
● EZJZ Series
● EZJZ Series
● EZJZ Series
Jul. 2008
01


Podobny numer części - EZJZ1V270RA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
EZJZ1V270RA PANASONIC-EZJZ1V270RA Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZ1V270RA PANASONIC-EZJZ1V270RA Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
EZJZ1V270RA PANASONIC-EZJZ1V270RA Datasheet
172Kb / 8P
   Multilayer Varistors
EZJZ1V270RAB PANASONIC-EZJZ1V270RAB Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
EZJZ1V270RAB PANASONIC-EZJZ1V270RAB Datasheet
172Kb / 8P
   Multilayer Varistors
More results

Podobny opis - EZJZ1V270RA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
EZJZZV270AA PANASONIC-EZJZZV270AA Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
EZJS1VB822 PANASONIC-EZJS1VB822 Datasheet
92Kb / 2P
   Multilayer Varistor for ESD pulse [DC voltage lines]
logo
Cooper Bussmann, Inc.
MLVA02V05C033-R COOPER-MLVA02V05C033-R Datasheet
386Kb / 5P
   Multilayer varistor ESD suppressor
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVA-R EATON-MLVA-R Datasheet
387Kb / 5P
   Multilayer varistor ESD suppressor
logo
Cooper Bussmann, Inc.
MLVA02V05C033 COOPER-MLVA02V05C033 Datasheet
327Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVB EATON-MLVB Datasheet
339Kb / 2P
   Multilayer varistor ESD suppressor
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com